Electronic Components Datasheet Search
  English  ▼

X  

BCY31 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # BCY31
Description  PNP Silicon Transistors JEDEC TO39 Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

BCY31 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  BCY31 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - BCY31

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BCY31A SEME-LAB-BCY31A Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5 Metal Package.(64V, 0.1A)
logo
TT Electronics.
BCY31A TTELEC-BCY31A Datasheet
501Kb / 3P
SILICON PNP TRANSISTOR
More results

Similar Description - BCY31

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3789 CENTRAL-2N3789 Datasheet
123Kb / 2P
PNP POWER TRANSISTORS JEDEC TO-3 CASE
2N4208 CENTRAL-2N4208 Datasheet
91Kb / 2P
PNP SILICON TRANSISTOR JEDEC TO-18 CASE
2N3798 CENTRAL-2N3798 Datasheet
117Kb / 2P
PNP SILICON TRANSISTOR JEDEC TO-18 CASE
logo
New Jersey Semi-Conduct...
BD705 NJSEMI-BD705 Datasheet
102Kb / 2P
silicon epitaxial-base NPN power transistors in Jedec TO-220 plastic package
logo
GSI Technology
GS8672Q20BGE-500I GSI-GS8672Q20BGE-500I Datasheet
457Kb / 28P
JEDEC-standard package
GS8672D38BGE-500I GSI-GS8672D38BGE-500I Datasheet
483Kb / 30P
JEDEC-standard package
GS8672D20BE-633 GSI-GS8672D20BE-633 Datasheet
483Kb / 30P
JEDEC-standard package
GS8672D20BE-633I GSI-GS8672D20BE-633I Datasheet
483Kb / 30P
JEDEC-standard package
GS8672D20BGE-450 GSI-GS8672D20BGE-450 Datasheet
483Kb / 30P
JEDEC-standard package
GS8672D38BGE-400I GSI-GS8672D38BGE-400I Datasheet
483Kb / 30P
JEDEC-standard package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com