Electronic Components Datasheet Search
  English  ▼

X  

MP01201 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01201
Description  SAW Filter 125.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01201 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01201 Datasheet HTML 1Page - Golledge Electronics Ltd MP01201 Datasheet HTML 2Page - Golledge Electronics Ltd MP01201 Datasheet HTML 3Page - Golledge Electronics Ltd MP01201 Datasheet HTML 4Page - Golledge Electronics Ltd MP01201 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset,TA19 9DQ, UK
SAW Filter 125.0MHz
Model: TB0467A
Part No: MP01201
REV NO.:1
TB0467A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -20
°C ~ +70°C
2. Storage Temperature: -40
°C ~ +85°C
3. Input Power Level: 10dBm
B. CHARACTERISTICS:
1. Ambient Temperature: 25°C
Value
Characteristics
Min.
Max.
Note.
Center frequency
FC
MHz
-
125
-
-
Maximum Insertion loss I.L.
dB
-
12.5
13.5
-
1dB Bandwidth
MHz
-
29.0
-
3dB Bandwidth
MHz
30.0
30.2
-
40dB Bandwidth
MHz
-
34.5
39.0
Passband Ripple (FC±14 MHz)
dB
-
0.64
1.00
-
Group Delay Ripple (FC±14 MHz)
nS
-
15
50
-
Temp Coefficient
ppm/C
-86
Absolute Delay
uS
0.88
Attenuation:( Reference level from minimum insertion loss)
1)
Ultimate Attenuation
dB
40
55
-
-
C. OUTLINE DRAWING:
Pin configuration
#K RF Input
#L RF Input ground
#E RF Output
#F RF Output ground
#A,B,C,D,G,H,I,J To be ground
4 6 7


Similar Part No. - MP01201

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP012223 MULTICOMP-MP012223 Datasheet
735Kb / 2P
Tool Case
05/10/23 V1.3
MP012224 MULTICOMP-MP012224 Datasheet
735Kb / 2P
Tool Case
05/10/23 V1.3
MP012225 MULTICOMP-MP012225 Datasheet
735Kb / 2P
Tool Case
05/10/23 V1.3
logo
Golledge Electronics Lt...
MP01224 GOLLEDGE-MP01224 Datasheet
79Kb / 4P
SAW Filter 590MHz
MP01226 GOLLEDGE-MP01226 Datasheet
140Kb / 6P
SAW Filter 1030.0MHz
More results

Similar Description - MP01201

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Transko Electronics, In...
TA12530AD TRANSKO-TA12530AD Datasheet
475Kb / 4P
125.0MHz IF SAW Filter / 29.98MHz Bandwidth
Revision 0: 17. Jul. 2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com