Electronic Components Datasheet Search
  English  ▼

X  

APX284 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APX284
Description  High Sensit ivit y Hall IC for FAN Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX284 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APX284 Datasheet HTML 5Page - Anpec Electronics Coropration APX284 Datasheet HTML 6Page - Anpec Electronics Coropration APX284 Datasheet HTML 7Page - Anpec Electronics Coropration APX284 Datasheet HTML 8Page - Anpec Electronics Coropration APX284 Datasheet HTML 9Page - Anpec Electronics Coropration APX284 Datasheet HTML 10Page - Anpec Electronics Coropration APX284 Datasheet HTML 11Page - Anpec Electronics Coropration APX284 Datasheet HTML 12Page - Anpec Electronics Coropration APX284 Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
C opy r ight
©ANPEC Electronics Corp.
Rev . A.4 - Oct., 2015
APX 2 8 4
w ww .anpec.com .tw
9
Packag e I n fo rm at io n
TSOT-23-5F
Note : 1. Dimension D and E1 do not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 10 mil per side.
0.020
0.009
0.031
MAX.
e
e1
E1
E
D
0.08
0.30
0.95 BSC
1.90 BSC
0.50
0.22
0.075 BSC
0.037 BSC
0.012
0.003
MILLIMETERS
MIN.
S
Y
M
B
O
L
b
c
A2
0.70
TSOT-23-5F
MAX.
0.775
MIN.
0.028
INCHES
2.80
3.00
0.110
0.118
3.70
3.90
0.146
0.154
1.50
1.70
0.059
0.067
b
c
e
e1
D
Top View : Marking Side
Sensor Location
1.1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com