Electronic Components Datasheet Search
  English  ▼

X  

APX9150 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APX9150
Description  Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9150 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APX9150 Datasheet HTML 1Page - Anpec Electronics Coropration APX9150 Datasheet HTML 2Page - Anpec Electronics Coropration APX9150 Datasheet HTML 3Page - Anpec Electronics Coropration APX9150 Datasheet HTML 4Page - Anpec Electronics Coropration APX9150 Datasheet HTML 5Page - Anpec Electronics Coropration APX9150 Datasheet HTML 6Page - Anpec Electronics Coropration APX9150 Datasheet HTML 7Page - Anpec Electronics Coropration APX9150 Datasheet HTML 8Page - Anpec Electronics Coropration APX9150 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 3 - Nov . , 2 0 1 7
APX9 1 5 0
w w w .anpec.com .t w
4
Typica l Ope r a t ing Ch a r act e r ist ics
VDD Supply Current vs. VDD Supply Voltage
VDD Supply Voltage(V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Operation Mode
Magnetic Switching Points vs.
VDD Supply Voltage
VDD Supply Voltage(V)
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Bop
Brp
Magnetic Switching Points vs.
Junction Temperature
Junction Temperature(
oC)
VDD = 5V
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
-50
0
50
100
150
Brp
Bop
Output Saturation Voltage vs.
Output Current
Output Current(mA)
0
50
100
150
200
250
300
350
400
450
0
200
400
600
800
1000
Upper Side
Lower Side
VDD = 5V
FG Pin Low Voltage vs. Sink Current
FG Pin Sink Current(mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
3
4
5
6
7
8
9
10
VDD = 5V
VDD = 2V
VDD = 1.8V
VDD Supply Voltage(V)
VDD Supply Current vs. VDD Supply Voltage
Standby Mode
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.11
1.8
2.4
3
3.6
4.2
4.8
5.4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com