Electronic Components Datasheet Search
  English  ▼

X  

APX9151S Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APX9151S
Description  Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9151S Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APX9151S Datasheet HTML 1Page - Anpec Electronics Coropration APX9151S Datasheet HTML 2Page - Anpec Electronics Coropration APX9151S Datasheet HTML 3Page - Anpec Electronics Coropration APX9151S Datasheet HTML 4Page - Anpec Electronics Coropration APX9151S Datasheet HTML 5Page - Anpec Electronics Coropration APX9151S Datasheet HTML 6Page - Anpec Electronics Coropration APX9151S Datasheet HTML 7Page - Anpec Electronics Coropration APX9151S Datasheet HTML 8Page - Anpec Electronics Coropration APX9151S Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 4 - Nov . , 2 0 1 7
APX9 1 5 1 S
w w w .anpec.com .t w
1
ANPEC r eser ves t he r ight t o m ake changes t o im pr ove r eliabilit y or m anufact urabilit y w it hout not ice, and adv ise
cust om er s t o obt ain t he lat est ver sion of r elevant infor m at ion t o ver if y befor e placing or der s.
Single- Phase Full- Wave Mot or Dr iver w it h Built - in Hall Sensor
Feat ures
Ge ne r a l D e scr ipt ion
The APX9151S is an integrated Hall Effect Sensor IC de-
signed for electric commutation of single-phase DC
brushless motor applications. The device is built-in lock
protection. When fan is locked, the device will enter the
lock protection mode. It is also with thermal shutdown
function. The APX9151S is available in a low cost TSOT23-
6F package.
Pin Con figu r a t ion
On-chip Hall Sensor
PWM Soft Switch
GMD(Green Motor Drive)
High Sensitivity Hall Effect Sensor IC: ±10G(typ.)
Built-in Lock Protection and Auto Restart Function
Built-In Quick Start Function
Speed Controllable by PWM Input Signal
Built-In 50% DutyForce Start Function
Asynchronous FG (Rotation Speed Detection) Out-
put
Built-in Thermal Protection Circuit
6 Pin TSOT23-6F Package
Lead Free and Green Devices Available
(RoHS Compliant)
Ap plica t ion s
Brushless DC Fans
Brushless DC Motors
TSOT-23-6F
(TOP VIEW)
4 OUT2
6 VDD
GND 2
OUT1 3
FG 1
APX9151S
5 PWM


Similar Part No. - APX9151S

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9151 ANPEC-APX9151 Datasheet
214Kb / 16P
Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151CEI-TRG ANPEC-APX9151CEI-TRG Datasheet
214Kb / 16P
Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
More results

Similar Description - APX9151S

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9172 ANPEC-APX9172 Datasheet
235Kb / 15P
Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9150 ANPEC-APX9150 Datasheet
214Kb / 16P
Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151 ANPEC-APX9151 Datasheet
214Kb / 16P
Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9168 ANPEC-APX9168 Datasheet
208Kb / 13P
Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9170 ANPEC-APX9170 Datasheet
209Kb / 14P
Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9170D ANPEC-APX9170D Datasheet
153Kb / 10P
Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com