Electronic Components Datasheet Search
  English  ▼

X  

APX9154 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APX9154
Description  Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9154 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APX9154 Datasheet HTML 1Page - Anpec Electronics Coropration APX9154 Datasheet HTML 2Page - Anpec Electronics Coropration APX9154 Datasheet HTML 3Page - Anpec Electronics Coropration APX9154 Datasheet HTML 4Page - Anpec Electronics Coropration APX9154 Datasheet HTML 5Page - Anpec Electronics Coropration APX9154 Datasheet HTML 6Page - Anpec Electronics Coropration APX9154 Datasheet HTML 7Page - Anpec Electronics Coropration APX9154 Datasheet HTML 8Page - Anpec Electronics Coropration APX9154 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Cop y r ig h t
© ANPEC Elect ronics Corp.
Rev . A. 1 - Mar . , 2 0 1 7
w w w .anpec.com .t w
3
APX9 1 5 4
AP X915 4
S ymbol
Pa ra met er
Test Condition
Min.
Typ.
Ma x.
Unit
IDD
V DD Supply Cur rent
VDD=5V
-
5
7
mA
IDD1
Standby Supply Cur rent
PWM=0
-
75
10 0
μ
A
VO
O utp ut Driver Sa tur ation Vo ltage
IOUT=250mA, Upper and Lower
to tal
-
0.2 5
0.4
V
VFG
FG Pin Low Voltage
IFG =5mA
-
0.2
0.4
V
IFGL
FG Pin Off Leakage Curr ent
VFG =5V
-
<0.1
1
μ
A
VPWMH
P ulse Mode PWM Inp ut High Level Voltage
0.5*VDD
-
VDD+0.5
V
V PWML
P ulse Mode PWM Inp ut Low Level Voltage
0
-
0.2*VDD
V
IPWML
PW M Pin Low Level Inpu t Current
VPWM = 0V
-
-10
-20
μ
A
TON
Lo ck Detectio n O n Time
0 .35
0.5
0.6 5
sec
TOFF
Lo ck Detectio n O ff Time
1 .75
2.5
3.2 5
sec
TQS
Q uick Start Enable Time
-
66.5
9 0
mA
FPWM
PW M Input Frequen cy
0.2
-
5 0
kHz
DST
Start Up PWM input Duty
6
-
9
%
O TS
O ver Temperature Shu tdo wn Thresh old
-
165
-
oC
O ver Temperature Shu tdo wn Hystere si s
-
3 0
-
oC
Ele ct r ica l Ch a r a ct e r ist ics (T
A = 25°C, VDD = 5V, unless otherwise noted)
AP X91 54
S ymbol
Paramete r
Tes t Condit ion
Min.
Typ.
Max.
Unit
Bo p
Ma gnetic Operation Poin t
0
10
2 0
Gau ss
Brp
Ma gnetic Release Point
-20
-10
0
Gau ss
Bh ys
Ma gnetic Hysteresis
-
20
-
Gau ss
M a gn e t ic Ch a r a ct e r ist ics (T
A = 25°C, VDD = 5V, unless otherwise noted)
Note3
Note 3 : For start up only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com