Electronic Components Datasheet Search
  English  ▼

X  

FIN1018M Datasheet(PDF) 2 Page - ON Semiconductor

Part # FIN1018M
Description  3.3V LVDS 1-Bit High Speed Differential Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FIN1018M Datasheet(HTML) 2 Page - ON Semiconductor

  FIN1018M Datasheet HTML 1Page - ON Semiconductor FIN1018M Datasheet HTML 2Page - ON Semiconductor FIN1018M Datasheet HTML 3Page - ON Semiconductor FIN1018M Datasheet HTML 4Page - ON Semiconductor FIN1018M Datasheet HTML 5Page - ON Semiconductor FIN1018M Datasheet HTML 6Page - ON Semiconductor FIN1018M Datasheet HTML 7Page - ON Semiconductor FIN1018M Datasheet HTML 8Page - ON Semiconductor FIN1018M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500502
www.fairchildsemi.com
March 2001
Revised April 2002
FIN1018
3.3V LVDS 1-Bit High Speed Differential Receiver
General Description
This single receiver is designed for high speed intercon-
nects utilizing Low Voltage Differential Signaling (LVDS)
technology. The receiver translates LVDS levels, with a typ-
ical differential input threshold of 100 mV, to LVTTL signal
levels. LVDS provides low EMI at ultra low power dissipa-
tion even at high frequencies. This device is ideal for high
speed transfer of clock or data.
The FIN1018 can be paired with its companion driver, the
FIN1017, or with any other LVDS driver.
Features
■ Greater than 400Mbs data rate
■ 3.3V power supply operation
■ 0.4ns maximum pulse skew
■ 2.5ns maximum propagation delay
■ Low power dissipation
■ Power-Off protection
■ Fail safe protection for open-circuit, shorted and termi-
nated conditions
■ Meets or exceeds the TIA/EIA-644 LVDS standard
■ Flow-through pinout simplifies PCB layout
■ 8-Lead SOIC and US-8 packages save space
Ordering Code:
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Fail Safe
= Open, Shorted, Terminated
Connection Diagrams
8-Lead SOIC
Pin Assignment for US-8 Package
TOP VIEW
Order Number
Package Number
Package Description
FIN1018M
M08A
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
[TUBE]
FIN1018MX
M08A
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
[TAPE and REEL]
FIN1018K8X
MAB08A
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide
[TAPE and REEL]
Pin Name
Description
ROUT
LVTTL Data Output
RIN+
Non-inverting Driver Input
RIN−
Inverting Driver Input
VCC
Power Supply
GND
Ground
NC
No Connect
Input
Outputs
RIN+
RIN−
ROUT
LH
L
HL
H
Fail Safe Condition
H



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com