Electronic Components Datasheet Search
  English  ▼

X  

FIN1047M Datasheet(PDF) 2 Page - ON Semiconductor

Part # FIN1047M
Description  3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FIN1047M Datasheet(HTML) 2 Page - ON Semiconductor

  FIN1047M Datasheet HTML 1Page - ON Semiconductor FIN1047M Datasheet HTML 2Page - ON Semiconductor FIN1047M Datasheet HTML 3Page - ON Semiconductor FIN1047M Datasheet HTML 4Page - ON Semiconductor FIN1047M Datasheet HTML 5Page - ON Semiconductor FIN1047M Datasheet HTML 6Page - ON Semiconductor FIN1047M Datasheet HTML 7Page - ON Semiconductor FIN1047M Datasheet HTML 8Page - ON Semiconductor FIN1047M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500589
www.fairchildsemi.com
June 2001
Revised August 2003
FIN1047
3.3V LVDS 4-Bit Flow-Through
High Speed Differential Driver
General Description
This quad driver is designed for high speed interconnects
utilizing Low Voltage Differential Signaling (LVDS) technol-
ogy. The driver translates LVTTL signal levels to LVDS lev-
els with a typical differential output swing of 350mV which
provides low EMI at ultra low power dissipation even at
high frequencies. This device is ideal for high speed trans-
fer of clock and data.
The FIN1047 can be paired with its companion receiver,
the FIN1048, or any other LVDS receiver.
Features
■ Greater than 400Mbs data rate
■ Flow-through pinout simplifies PCB layout
■ 3.3V power supply operation
■ 0.4 ns maximum differential pulse skew
■ 1.7 ns maximum propagation delay
■ Low power dissipation
■ Power-Off protection
■ Meets or exceeds the TIA/EIA-644 LVDS standard
■ Pin compatible with equivalent RS-422 and LVPECL
devices
■ 16-Lead SOIC and TSSOP packages save space
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Truth Table
H
= HIGH Logic Level L = LOW Logic Level
X
= Don’t Care
Z
= High Impedance
Pin Descriptions
Order Number
Package Number
Package Description
FIN1047M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
FIN1047MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Inputs
Outputs
EN
EN
DIN
DOUT+
DOUT−
H
L or OPEN
H
H
L
H
L or OPEN
L
L
H
H
L or OPEN
OPEN
L
H
XHX
Z
Z
L or OPEN
X
X
Z
Z
Pin Name
Description
DIN1, DIN2, DIN3, DIN4
LVTTL Data Inputs
DOUT1+, DOUT2+, DOUT3+, DOUT4+ Non-Inverting
Driver Outputs
DOUT1−, DOUT2−, DOUT3−, DOUT4− Inverting
Driver Outputs
EN
Driver Enable Pin
EN
Inverting Driver
Enable Pin
VCC
Power Supply
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com