Electronic Components Datasheet Search
  English  ▼

X  

FIN1101M Datasheet(PDF) 2 Page - ON Semiconductor

Part # FIN1101M
Description  LVDS Single Port High Speed Repeater
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FIN1101M Datasheet(HTML) 2 Page - ON Semiconductor

  FIN1101M Datasheet HTML 1Page - ON Semiconductor FIN1101M Datasheet HTML 2Page - ON Semiconductor FIN1101M Datasheet HTML 3Page - ON Semiconductor FIN1101M Datasheet HTML 4Page - ON Semiconductor FIN1101M Datasheet HTML 5Page - ON Semiconductor FIN1101M Datasheet HTML 6Page - ON Semiconductor FIN1101M Datasheet HTML 7Page - ON Semiconductor FIN1101M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500654
www.fairchildsemi.com
January 2002
Revised September 2002
FIN1101
LVDS Single Port High Speed Repeater
General Description
This single port repeater is designed for high speed inter-
connects
utilizing
Low
Voltage
Differential
Signaling
(LVDS) technology. It accepts and outputs LVDS levels
with a typical differential output swing of 330 mV which pro-
vides low EMI at ultra low power dissipation even at high
frequencies. It can directly accept multiple differential I/O
including: LVPECL, HSTL, and SSTL-2 for translating
directly to LVDS.
Features
■ Up to 1.6 Gb/s full differential path
■ 3.5 ps max random jitter and 135 ps max deterministic
jitter
■ 3.3V power supply operation
■ Wide rail-to-rail common mode range
■ Ultra low power consumption
■ LVDS receiver inputs accept LVPECL, HSTL, and
SSTL-2 directly
■ Power off protection
■ 7 kV HBM ESD protection (all pins)
■ Meets or exceed the TA/EIA-644-A LVDS standard
■ Packaged in 8-pin SOIC and US8
■ Open circuit fail safe protection
Ordering Code:
Connection Diagrams
SOIC Package
US8 Package
Functional Diagram
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Don’t Care
Z
= High Impedance
Order Number
Package Number
Package Description
FIN1101M
M08A
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
[TUBE]
FIN1101MX
M08A
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
[TAPE and REEL]
FIN1101K8X
MAB08A
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide
[TAPE and REEL]
Pin Name
Description
RIN+
Non-Inverting LVDS Inputs
RIN−
Inverting LVDS Inputs
DOUT+
Non-Inverting Driver Outputs
DOUT−
Inverting Driver Outputs
EN
Driver Enable Pin
VCC
Power Supply
GND
Ground
Inputs
Outputs
EN
RIN+
RIN−
DOUT+
DOUT−
HH
L
H
L
HL
H
L
H
H
Fail Safe Case
H
L
LX
X
Z
Z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com