Electronic Components Datasheet Search
  English  ▼

X  

PVR1301 Datasheet(PDF) 1 Page - International Rectifier

Part # PVR1301
Description  BOSFET PHOTOVOLTAIC RELAY DUAL - POLE 400MA 0-100V AC/DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVR1301 Datasheet(HTML) 1 Page - International Rectifier

  PVR1301 Datasheet HTML 1Page - International Rectifier PVR1301 Datasheet HTML 2Page - International Rectifier PVR1301 Datasheet HTML 3Page - International Rectifier PVR1301 Datasheet HTML 4Page - International Rectifier PVR1301 Datasheet HTML 5Page - International Rectifier PVR1301 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OBSOLETE
Data Sheet No. PD 10027D
Series PVR13
Microelectronic Power IC
BOSFET® Photovoltaic Relay
Dual-Pole, 400mA, 0-100V AC/DC
General Description
The PVR13 Photovoltaic Relay is a dual-pole, normally
open solid state replacement for electro-mechanical
relays. It utilizes as an output switch a unique
bidirectional (AC or DC) MOSFET power IC termed
a BOSFET. The BOSFET is controlled by a photo-
voltaic generator of novel construction, which is
energized by radiation from a dielectrically isolated
light emitting diode (LED).
The PVR overcomes the limitations of reed relays by
offering the solid state advantages of long life, high
operating speed, low pick-up power, bounce-free
operation, low thermal voltages and miniaturization.
These advantages allow product improvement and
design innovations in many applications such as
process control, multiplexing, telecommunications,
automatic test equipment and data acquisition.
The PVR can switch analog signals from thermo-
couple level to 100 volts peak AC or DC polarity.
Signal frequencies into the RF range are easily
controlled and switching rates up to 5kHz are achiev-
able. The extremely small thermally generated offset
voltages allow increased measurement accuracies.
Unique silicon technology developed by International
Rectifier forms the heart of the PVR. The monolithic
BOSFET contains a bidirectional N-channel power
MOSFET output structure. In addition, this power IC
chip has input circuitry for fast turn-off and gate
protection functions. This section of the BOSFET chip
utilizes both bipolar and MOS technology to form
NPN transistors, P-channel MOSFETs, resistors,
diodes and capacitors.
The photovoltaic generator similarly utilizes a unique
International Rectifier alloyed multijunction structure.
The excellent current conversion efficiency of this
technique results in the very fast response of the
PVR microelectronic power IC relay.
This advanced semiconductor technology has cre-
ated a radically new control device. Designers can
now develop switching systems to new standards of
electrical performance and mechanical compactness.
Features
BOSFET Power IC
n
1010 Operations
n
300µsec Operating Time
n
0.2µVolt Thermal Offset
n
5 milliwatts Pick-Up Power
n
1000V/µsec dv/dt
n
Bounce-Free
n
16-pin DIP Package
n
-40°C to 85°C
n
Part Identification
Part Number
Operating
Off-State
Voltage (AC/DC)
Resistance
PVR1300
108 Ohms
0 – 100V
PVR1301
1010 Ohms
(BOSFET is a trademark of International Rectifier)
Replaced by PVR13N


Similar Part No. - PVR1301

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVR1301N IRF-PVR1301N Datasheet
70Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVR1301N IRF-PVR1301N Datasheet
93Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVR1301NPBF IRF-PVR1301NPBF Datasheet
93Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
More results

Similar Description - PVR1301

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA30 IRF-PVA30 Datasheet
294Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 40mA, 0-300V AC/DC
PVA33 IRF-PVA33 Datasheet
303Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC
PVD13 IRF-PVD13 Datasheet
311Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 500mA, 0-100V DC
PVA13N IRF-PVA13N Datasheet
87Kb / 6P
POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA
PVD1352 IRF-PVD1352 Datasheet
86Kb / 6P
Microelectronic Power IC PHOTOVOLTAIC RELAY SINGLE POLE 500MA 0-100V DC
PVD10 IRF-PVD10 Datasheet
79Kb / 6P
Microelectronic Power IC BOSFET Photovoltaic Relay Single-Pole, 160mA, 0-100V DC
PVR13N IRF-PVR13N Datasheet
70Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVR13N IRF-PVR13N_1 Datasheet
93Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVR33N IRF-PVR33N Datasheet
94Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com