Electronic Components Datasheet Search
  English  ▼

X  

QSL9 Datasheet(PDF) 4 Page - Rohm

Part # QSL9
Description  General purpose transistor (isolated transistor and diode)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QSL9 Datasheet(HTML) 4 Page - Rohm

  QSL9 Datasheet HTML 1Page - Rohm QSL9 Datasheet HTML 2Page - Rohm QSL9 Datasheet HTML 3Page - Rohm QSL9 Datasheet HTML 4Page - Rohm QSL9 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
QSL9
Transistors
Rev.A
4/4
Di2
0.1m
1m
10m
100m
1
10
FORWARD VOLTAGE : VF (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
Fig.8 Forward characteristics
Ta
=125
°C
0.1
µ
1
µ
10
µ
100
µ
1m
10m
100m
1000m
010
20
30
40
50
60
70
REVERSE VOLTAGE : VR (V)
Fig.9 Reverse characteristics
Ta
=25°C
Ta
= −25°C
Ta
=125°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com