Electronic Components Datasheet Search
  English  ▼

X  

PT6467 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6467
Description  14-A 5-V Input Adjustable Integrated Switching Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6467 Datasheet(HTML) 2 Page - Texas Instruments

  PT6467 Datasheet HTML 1Page - Texas Instruments PT6467 Datasheet HTML 2Page - Texas Instruments PT6467 Datasheet HTML 3Page - Texas Instruments PT6467 Datasheet HTML 4Page - Texas Instruments PT6467 Datasheet HTML 5Page - Texas Instruments PT6467 Datasheet HTML 6Page - Texas Instruments PT6467 Datasheet HTML 7Page - Texas Instruments PT6467 Datasheet HTML 8Page - Texas Instruments PT6467 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT6460 Series
14-A 5-V Input Adjustable
Integrated Switching Regulator
Specifications (Unless otherwise stated, Ta =25 °C, Vin =5 V, Cin =470 µF, Cout =0 µF, and Io =Iomax)
PT6460 SERIES
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Vin =5 V
0
—
14
A
Input Voltage Range
Vin
Over Io range
4.5
—
5.5
V
Set-Point Voltage Tolerance
Vo tol
—
—
±2
%Vo
Temperature Variation
∆Regtemp
–40 °C <Ta < +85 °C
—
±0.5
—
%Vo
Line Regulation
∆Regline
Over Vin range
—
±10
—
mV
Load Regulation
∆Regload
Over Io range
—
±12
—
mV
Total Output Variation
∆Regtot
Includes set-point, line, load,
——±3
%Vo
–40 °C
≤ Ta ≤ +85 °C
Efficiency
η
Io =10 A
PT6461 (3.3 V)
—
94
—
PT6462 (2.5 V)
—
93
—
PT6463 (2.0 V)
—
91
—
PT6464 (1.8 V)
—
90
—
%
PT6465 (1.5 V)
—
88
—
PT6466 (1.2 V)
—
86
—
PT6467 (1.0 V)
—
84
—
Vo Ripple (pk-pk)
Vr
20MHz bandwidth—
25
—
mVpp
Transient Response
1 A/µs load step, 50 to 100 % Iomax,
Cout =330 µF
ttr
Recovery Time
—
50
—
µSec
∆Vtr
Vo over/undershoot
—
100
—
mV
Over-Current Threshold
ITRIP
Reset, followed by auto-recovery
—
27.5
—
A
Output Voltage Adjust
Vo adj
—
±15 (1)
—%
Switching Frequency
ƒs
Over Vin and Io ranges
—
300
—
kHz
Inhibit Control (pin1)
Referenced to GND (pins 5–8)
Input High Voltage
VIH
Vin –0.5
—
Open (2)
V
Input Low Voltage
VIL
–0.2
—
0.8
Input Low Current
IIL
Pin 1 to GND
—
–10
—
µA
Inhibit Input Current
Iin inhibit
Pin 1 to GND
—
5
—
mA
External Input Capacitance
Cin
470 (3)
——µF
External Output Capacitance
Cout
0
330 (4) (5)
3,300
µF
Operating Temperature Range
Ta
Over Vin range
–40 (5)
—85 (6)
°C
Solder Reflow Temperature
Treflow
Surface temperature of module pins or case
—
—
215 (7)
°C
Storage Temperature
Ts
—
–40
—
125
°C
Reliability
MTBF
Per Bellcore TR-332
8.0
—
—
106 Hrs
50 % stress, Ta =40 °C, ground benign
Mechanical Shock
Mil-STD-883D, Method 2002.3
—
500
—
G
Half Sine, mounted to a fixture
Mechanical Vibration
Mil-STD-883D, Method 2007.2,
Suffix N
—
20 (8)
—
G
20-2000 Hz, PCB mounted
Suffixes A, C
—
20 (8)
—
Weight
—
—
—
10
—
grams
Flammability
—
Materials meet UL 94V-0
Notes: (1) This is a typical value. For the adjustment limits of a specific model consult the related application note on output voltage adjustment.
(2) The Inhibit control (pin 1) has an internal pull-up, and if left open-circuit the module will operate when input power is applied. A small low-leakage
(<100 nA) MOSFET is recommended to control this input. See application notes for more information.
(3) A 470 µF electrolytic input capacitor is required for proper operation. The capacitor must be rated for a minimumm of 0.7 Arms of ripple current.
(4) An external output capacitor is not required for basic operation. Adding 330 µF of distributed capacitance at the load will improve the transient response.
(5) For operation below 0 °C, COUT should have stable characteristics. Use either low-ESR tantalum or Oscon® type capacitors.
(6) See SOA curves or consult factory for the appropriate derating.
(7) During solder reflow of SMD package version do not elevate the module case, pins, or internal component temperature above a peak of 215 °C. For
further guidance refer to the application note, “Reflow Soldering Requirements for Plug-in Power Surface Mount Products,” (SLTA051).
(8) The case pins on the through-hole package types (suffixes N & A) must be soldered. For more information see the applicable package outline drawing.
SLTS178B - JANUARY 2003 - REVISED JUNE 2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com