Electronic Components Datasheet Search
  English  ▼

X  

RF2001T3D Datasheet(PDF) 2 Page - Rohm

Part # RF2001T3D
Description  Fast recovery diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T3D Datasheet(HTML) 2 Page - Rohm

  RF2001T3D Datasheet HTML 1Page - Rohm RF2001T3D Datasheet HTML 2Page - Rohm RF2001T3D Datasheet HTML 3Page - Rohm RF2001T3D Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RF2001T3D
Diodes
2/3
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
Electrical characteristic curves
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
trr DISPERSION MAP
0.1
1
10
100
0.001
0.1
10
1000
Rth(j-a)
Rth(j-c)
1ms
IM=100mA
IF=5A
300us
time
Mounted on epoxy board
0.001
0.01
0.1
1
10
0
10 0 20 0 3 00 4 00 5 00 6 00 70 0 80 0 9 00 1 00
0
11 0
0
12 0
0
Ta=25℃
Ta=150℃
Ta=125℃
Ta=75℃
Ta=-25℃
0.1
1
10
100
1000
10000
100000
0
50
100
150
200
250
300
Ta=150℃
Ta=-25℃
Ta=25℃
Ta=75℃
Ta=125℃
1
10
100
1000
0
102030
f=1MHz
300
310
320
330
340
350
360
370
380
390
400
AVE:356.9pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0
50
100
150
200
250
300
Ta=25℃
VR=300V
n=30pcs
AVE:29.7nA
1.12
1.13
1.14
1.15
1.16
1.17
AVE:1.135V
Ta=25℃
IF=10A
n=30pcs
0
50
100
150
200
AVE:157.0A
8.3ms
Ifsm
1cyc
0
5
10
15
20
25
30
AVE:20.3ns
Ta=25℃
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
1
10
100
1000
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
0
10
20
30
40
0
102030
40
Sin(θ=180)
D=1/2
DC
10
100
1000
0.1
1
10
100
t
Ifsm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com