Electronic Components Datasheet Search
  English  ▼

X  

APX9136 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APX9136
Description  Hall Effect Micro Switch IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9136 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APX9136 Datasheet HTML 1Page - Anpec Electronics Coropration APX9136 Datasheet HTML 2Page - Anpec Electronics Coropration APX9136 Datasheet HTML 3Page - Anpec Electronics Coropration APX9136 Datasheet HTML 4Page - Anpec Electronics Coropration APX9136 Datasheet HTML 5Page - Anpec Electronics Coropration APX9136 Datasheet HTML 6Page - Anpec Electronics Coropration APX9136 Datasheet HTML 7Page - Anpec Electronics Coropration APX9136 Datasheet HTML 8Page - Anpec Electronics Coropration APX9136 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2015
APX9136
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
5
V
VOUT
Output Voltage
5
V
IOUT
Output Current
±1
mA
TJ
Junction Temperature Range
150
TSTG
Storage Temperature Range
-65 to +150
°C
Electrical Characteristics T
A = 25°C, VDD=3V unless otherwise noted
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
APX9136
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage Range
Operating
1.6
-
3.5
V
Average
-
5
10
µA
Awake
-
1.2
2
mA
IDD
Supply Current
Sleep
-
2
8
µA
IOFF
Output Leakage Current
VOUT=3.5V, BRPN<B<BRPS
-
-
1.0
µA
VOH
Output High Voltage
IOUT=-1mA
VDD - 0.4
-
-
V
VOL
Output Low Voltage
IOUT=1mA
-
20
40
mV
tawake
Wake up Time
-
180
-
µs
tperiod
Period
-
60
-
ms
d.c.
Duty Cycle
-
0.3
-
%
fc
Chopping Frequency
-
11
-
kHz
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 1)
VTDFN1.6x1.6-6
167
οC /W
PD
Power Dissipation, TA=25
oC
VTDFN1.6x1.6-6
0.6
W
Note 1:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Magnetic Characteristics T
A = 25°C, VDD=1.8V unless otherwise noted
APX9136
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
BOPS
-
30
45
G
BOPN
Operate Points
-45
-30
-
G
BRPS
10
20
-
G
BRPN
Release Points
-
-20
-10
G
Bhys
Hysteresis
-
10
-
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com