Electronic Components Datasheet Search
  English  ▼

X  

APX9170D Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APX9170D
Description  Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9170D Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APX9170D Datasheet HTML 1Page - Anpec Electronics Coropration APX9170D Datasheet HTML 2Page - Anpec Electronics Coropration APX9170D Datasheet HTML 3Page - Anpec Electronics Coropration APX9170D Datasheet HTML 4Page - Anpec Electronics Coropration APX9170D Datasheet HTML 5Page - Anpec Electronics Coropration APX9170D Datasheet HTML 6Page - Anpec Electronics Coropration APX9170D Datasheet HTML 7Page - Anpec Electronics Coropration APX9170D Datasheet HTML 8Page - Anpec Electronics Coropration APX9170D Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2017
APX9170D
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VDD
VDD Pin Supply Voltage (VDD to GND)
-0.3 to 20
V
VOUT
Output Pin (OUT1, OUT2) Output Voltage
-0.3 to 20
V
IOUT
Output Pin (OUT1, OUT2) Maximum Output Current
– Continuous
Hold
250
500
mA
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 to 150
oC
TSOR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Absolute Maximum Ratings (T
A=25°C unless otherwise noted) (Note 1)
Thermal Characteristics
Sym bol
Param eter
Typical Value
Unit
R
TH
,JA
Thermal Resistance-Junction to Ambient (Note 2)
TO-92M4
131
oC/W
P
D
Pow er Dissipation, T
A = 25°C
TO-92M4
950
mW
Note 2 : The maximum allowable power dissipation at any T
A (ambient temperature) is calculated using: PD (max) =(TJ – TA) / θJA; TJ =
150
°C. Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Symbol
Parameter
Range
Unit
VDD
VDD Supply Voltage
2.5 to 17
V
TA
Operating Ambient Temperature
-40 to 105
oC
TJ
Junction Temperature
-40 to 125
oC
Recommended Operating Conditions
Electrical Characteristics (T
A=25°C, VDD=12V unless otherwise noted)
APX9170D
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDD
VDD Supply Current
VDD=17V, no load
4.5
7
mA
VO
Output Driver Saturation Voltage
IOUT=200mA, Upper and Lower total
-
0.8
1.2
V
TON
Lock Detection On Time
-
0.4
-
sec
TOFF
Lock Detection Off Time
-
4
-
sec
Over Temperature Shutdown Threshold
-
165
-
oC
OTS
Over Temperature Shutdown Hysteresis
-
30
-
oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com