Electronic Components Datasheet Search
  English  ▼

X  

SCF5250VM120 Datasheet(PDF) 9 Page - Motorola, Inc

Part # SCF5250VM120
Description  SCF5250 Integrated ColdFire Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCF5250VM120 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button SCF5250VM120 Datasheet HTML 5Page - Motorola, Inc SCF5250VM120 Datasheet HTML 6Page - Motorola, Inc SCF5250VM120 Datasheet HTML 7Page - Motorola, Inc SCF5250VM120 Datasheet HTML 8Page - Motorola, Inc SCF5250VM120 Datasheet HTML 9Page - Motorola, Inc SCF5250VM120 Datasheet HTML 10Page - Motorola, Inc SCF5250VM120 Datasheet HTML 11Page - Motorola, Inc SCF5250VM120 Datasheet HTML 12Page - Motorola, Inc SCF5250VM120 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Signal Descriptions
SCF5250 Integrated ColdFire® Microprocessor Data Sheet, Rev. 1.1
Freescale Semiconductor
9
.
4
Signal Descriptions
4.1
Introduction
This section describes the SCF5250 input and output signals. The signal descriptions as shown in Table
2-A are grouped according to relevant functionality.
Table 2. SCF5250 Documentation
Document Name
Description
Order Number
CFPRM/D
ColdFire Family Programmer’s Reference Manual
CFPRM/D
ColdFire2UM
Version 2/2M ColdFire Core
Processor User’s Manual
ColdFire2UM/D
ColdFire2UMAD
Version 2/2M ColdFire Core
Processor User’s Manual Addendum
ColdFire2UMAD/D
SCF5250UM
SCF5250 User’s Manual
SCF5250UM/D
Table 3. SCF5250 Signal Index
Signal Name
Mnemonic
Function
Input/
Output
Reset
State
Address
A[24:1]
A[23]/GPO54
24 address lines, address line 23
multiplexed with GPO54 and address
24 is multiplexed with A20 (SDRAM
access only).
Out
X
Read-write control
R/W
Bus write enable - indicates if read or
write cycle in progress
Out
H
Output enable
OE
Output enable for asynchronous
memories connected to chip selects
Out
negated
Data
D[31:16]
Data bus used to transfer word data
In/Out
Hi-Z
Synchronous row address
strobe
SDRAS/GPIO59
Row address strobe for external
SDRAM.
Out
negated
Synchronous column
address strobe
SDCAS/GPIO39
Column address strobe for external
SDRAM
Out
negated
SDRAM write enable
SDWE/GPIO38
Write enable for external SDRAM
Out
negated
SDRAM upper byte enable SDUDQM/GPO53
Indicates during write cycle if high byte
is written
Out
SDRAM lower byte enable SDLDQM/GPO52
Indicates during write cycle if low byte
is written
Out
SDRAM chip selects
SD_CS0/GPIO60
SDRAM chip select
In/Out
negated
SDRAM clock enable
BCLKE/GPIO63
SDRAM clock enable
Out
System clock
BCLK/GPIO40
SDRAM clock output
In/Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com