Electronic Components Datasheet Search
  English  ▼

X  

SFH608 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH608
Description  Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH608 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH608 Datasheet HTML 1Page - Vishay Siliconix SFH608 Datasheet HTML 2Page - Vishay Siliconix SFH608 Datasheet HTML 3Page - Vishay Siliconix SFH608 Datasheet HTML 4Page - Vishay Siliconix SFH608 Datasheet HTML 5Page - Vishay Siliconix SFH608 Datasheet HTML 6Page - Vishay Siliconix SFH608 Datasheet HTML 7Page - Vishay Siliconix SFH608 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SFH608
Document Number 83664
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Current Transfer Ratio
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 5.0 mA
VF
1.1
1.5
V
Reverse voltage
IR = 10 µAVR
6.0
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
25
pF
Thermal resistance
Rthja
1070
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Voltage, collector-emitter
ICE = 10 µAVCEO
55
V
Voltage, emitter-base
IEB = 10 µAVEBO
7.0
V
Collector-emitter capacitance
VCE = 5.0, f = 1.0 MHz
CCE
10
pF
Collector - base capacitance
VCE = 5.0, f = 1.0 MHz
CCB
16
pF
Emitter - base capacitance
VCE = 5.0, f = 1.0 MHz
CEB
10
pF
Thermal resistance
Rthja
500
K/W
Collector-emitter leakage
current
VCE = 10 V
ICEO
10
200
nA
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Coupling capacitance
CC
0.60
pF
Saturation voltage, collector-
emitter
IC = 0.32 mA, IF = 1.0 mA
SFH608-2
VCEsat
0.25
0.4
V
IC = 0.5 mA, IF = 1.0 mA
SFH608-3
VCEsat
0.25
0.4
V
IC = 0.8 mA, IF = 1.0 mA
SFH608-4
VCEsat
0.25
0.4
V
IC = 01.25 mA, IF = 1.0 mA
SFH608-5
VCEsat
0.25
0.4
V
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Coupling Transfer Ratio
IF = 1.0 mA, VCE = 0.5 V
SFH608-2
CTR
63
125
%
IF = 0.5 mA, VCE = 1.5 V
SFH608-2
CTR
32
75
%
IF = 1.0 mA, VCE = 0.5 V
SFH608-3
CTR
100
200
%
IF = 0.5 mA, VCE = 1.5 V
SFH608-3
CTR
50
120
%
IF = 1.0 mA, VCE = 0.5 V
SFH608-4
CTR
160
320
%
IF = 0.5 mA, VCE = 1.5 V
SFH608-4
CTR
80
200
%
IF = 1.0 mA, VCE = 0.5 V
SFH608-5
CTR
250
500
%
IF = 0.5 mA, VCE = 1.5 V
SFH608-5
CTR
125
300
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com