Electronic Components Datasheet Search
  English  ▼

X  

APX9262P Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APX9262P
Description  Direct PWM Variable Speed Fan Motor Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9262P Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APX9262P Datasheet HTML 1Page - Anpec Electronics Coropration APX9262P Datasheet HTML 2Page - Anpec Electronics Coropration APX9262P Datasheet HTML 3Page - Anpec Electronics Coropration APX9262P Datasheet HTML 4Page - Anpec Electronics Coropration APX9262P Datasheet HTML 5Page - Anpec Electronics Coropration APX9262P Datasheet HTML 6Page - Anpec Electronics Coropration APX9262P Datasheet HTML 7Page - Anpec Electronics Coropration APX9262P Datasheet HTML 8Page - Anpec Electronics Coropration APX9262P Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Direct PWM Variable Speed Fan Motor Driver
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Mar., 2016
APX9262P
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain
the latest version of relevant information to verify before placing orders.
Features
General Description
The APX9262P is a high efficient direct PWM drive IC
with single phase and CMOS drive. Such IC design is
suitable for variable speed control FAN of personal
computer
’s power supply radiation and CPU cooler. The
device is built-in lock protection. When fan is locked,
the device will enter the lockup protection mode. It is
also with rotation detection output and thermal shut-
down function. In normal operation, supply current is
3mA. The APX9262P is available in SSOP-16 package.
•
Single Phase Full Wave Fan Driver
•
Low Supply Current
•
Built-In Variable Speed Function
•
Include Hall Bias Circuit
•
Built-In Lock Protection and Auto Restart Func-
tion
•
FG Output and RD Output Signal available
•
Built-In Current Limit Circuit
•
Built-In Thermal Protection Circuit
•
FG pin HBM/MM ESD can sustain up to 4kV/400V
•
SSOP-16 Package
•
Lead Free and Green Devices Available (RoHS
Compliant)
Applications
•
CPU Cooler
•
Variable Speed Control Fan
Pin Configuration
APX9262P
RD 8
FG 7
SET 5
OUT2 2
15 OUT1
VCC 3
OSC 6
MIN 4
14 SGND
10 HB
13 CT
16 PGND
9 IN+
12 NC
11 IN-
PGND 1
SSOP-16


Similar Part No. - APX9262P

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9266 ANPEC-APX9266 Datasheet
291Kb / 14P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9266XI-TRG ANPEC-APX9266XI-TRG Datasheet
291Kb / 14P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9266XI-TRL ANPEC-APX9266XI-TRL Datasheet
291Kb / 14P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9267 ANPEC-APX9267 Datasheet
280Kb / 12P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9267XI-TRG ANPEC-APX9267XI-TRG Datasheet
280Kb / 12P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
More results

Similar Description - APX9262P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1860 SANYO-LB1860 Datasheet
79Kb / 6P
Variable Speed Fan Motor Driver
LB1965M SANYO-LB1965M Datasheet
61Kb / 6P
Two-Phase Unipolar Driver for Variable-Speed Fan Motor
logo
Eutech Microelectronics...
EUM6189A EUTECH-EUM6189A Datasheet
65Kb / 1P
700mA PWM Fan Motor Driver
EUM6861 EUTECH-EUM6861 Datasheet
103Kb / 1P
18V PWM Fan Motor Driver
logo
Anpec Electronics Corop...
APX9270 ANPEC-APX9270 Datasheet
352Kb / 17P
Direct PWM Variable Speed Fan Motor Driver
logo
Eutech Microelectronics...
EUM6861 EUTECH-EUM6861_12 Datasheet
182Kb / 2P
18V PWM Fan Motor Driver
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
24V PWM Fan Motor Driver
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
logo
Anpec Electronics Corop...
APX6861 ANPEC-APX6861 Datasheet
156Kb / 14P
Direct PWM Variable Speed Fan Motor Driver
APX9291 ANPEC-APX9291 Datasheet
209Kb / 14P
Direct PWM Variable Speed Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com