Electronic Components Datasheet Search
  English  ▼

X  

APX9268A Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APX9268A
Description  Single-Phase Full-Wave Motor Driver for Silent Fan Motor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9268A Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APX9268A Datasheet HTML 1Page - Anpec Electronics Coropration APX9268A Datasheet HTML 2Page - Anpec Electronics Coropration APX9268A Datasheet HTML 3Page - Anpec Electronics Coropration APX9268A Datasheet HTML 4Page - Anpec Electronics Coropration APX9268A Datasheet HTML 5Page - Anpec Electronics Coropration APX9268A Datasheet HTML 6Page - Anpec Electronics Coropration APX9268A Datasheet HTML 7Page - Anpec Electronics Coropration APX9268A Datasheet HTML 8Page - Anpec Electronics Coropration APX9268A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2016
www.anpec.com.tw
2
APX9268A
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VCC
VCC Pin Supply Voltage (VCC to GND)
-0.3 to 10
V
IOUT
Output Pin Maximum Output Current
1
A
VOUT
Output Pin Output Voltage
-0.3 to 10
V
IHB
HB Pin Maximum Output Current
10
mA
FG Pin Maximum Output Voltage
-0.3 to 10
V
IFG
FG Pin Maximum Output Sink Current
10
mA
TJ
Junction Temperature
-40 to 150
°C
TSTG
Storage Temperature
-65 to 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Note 1 : Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance-Junction to Ambient
(Note 2)
MSOP-8
215
°C/W
PD
Power Dissipation, TA=25
oC
0.585
W
Thermal Characteristics
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VCC
VCC Pin Supply Voltage
2 to 6
V
VHall
Hall Input Voltage Range
0.4 to Vcc-1.1
V
TA
Ambient Temperature
-40 to 105
°C
TJ
Junction Temperature
-40 to 125
°C
Electrical Characteristics (V
CC=5V, TA=25°C)
APX9268A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
VHB
HB Pin Output Voltage
IHB = 5mA
1.1
1.3
1.5
V
ICC1
Rotation Mode
-
4
5
mA
ICC2
Supply Current
Lock Protection Mode
-
4
5
mA
LOCK PROTECTION
TON
Lock Detection On Time
0.35
0.5
0.65
sec
TOFF
Lock Detection Off Time
3.5
5
6.5
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com