Electronic Components Datasheet Search
  English  ▼

X  

SP3238EE Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP3238EE
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3238EE Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP3238EE Datasheet HTML 10Page - Sipex Corporation SP3238EE Datasheet HTML 11Page - Sipex Corporation SP3238EE Datasheet HTML 12Page - Sipex Corporation SP3238EE Datasheet HTML 13Page - Sipex Corporation SP3238EE Datasheet HTML 14Page - Sipex Corporation SP3238EE Datasheet HTML 15Page - Sipex Corporation SP3238EE Datasheet HTML 16Page - Sipex Corporation SP3238EE Datasheet HTML 17Page - Sipex Corporation SP3238EE Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Date: 02/24/05
SP3238EE Intelligent +3.0V to +5.5V RS-232 Transceiver
© Copyright 2005 Sipex Corporation
14
Table 2. AUTO ON-LINE® Logic
Figure 17. Stage I of AUTO ON-LINE® Circuitry
Figure 18. Stage II of AUTO ON-LINE® Circuitry
N
W
O
D
T
U
H
S
T
U
P
N
I
E
N
I
L
N
O
T
U
P
N
I
T
A
L
A
N
G
I
S
2
3
2
-
S
R
T
U
P
N
I
R
E
V
I
E
C
E
R
S
U
T
A
T
S
T
U
P
T
U
O
T
X
T
U
OR
X
T
U
OR
1
T
U
O
R
E
V
I
E
C
S
N
A
R
T
S
U
T
A
T
S
H
G
I
H-
S
E
YH
G
I
He
v
it
c
Ae
v
it
c
Ae
v
it
c
An
o
it
a
r
e
p
O
l
a
m
r
o
N
H
G
I
HH
G
I
HO
NW
O
Le
v
it
c
Ae
v
it
c
Ae
v
it
c
An
o
it
a
r
e
p
O
l
a
m
r
o
N
H
G
I
HW
O
L0
0
1
>
(
O
N
µ )
sW
O
LZ
-
h
g
i
He
v
it
c
Ae
v
it
c
A
n
w
o
d
t
u
h
S
(
E
N
I
L
-
N
O
O
T
U
A
® )
W
O
L-
S
E
YH
G
I
HZ
-
h
g
i
HZ
-
h
g
i
He
v
it
c
An
w
o
d
t
u
h
S
W
O
L-
O
NW
O
LZ
-
h
g
i
HZ
-
h
g
i
He
v
it
c
An
w
o
d
t
u
h
S
RS-232
Receiver Block
RXINACT
Inactive Detection Block
RXIN
RXOUT
R
1INACT
R
2INACT
R
3INACT
Delay
Stage
Delay
Stage
Delay
Stage
STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com