Electronic Components Datasheet Search
  English  ▼

X  

SP6139 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6139
Description  Wide Input, 1.3MHz Synchronous PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6139 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6139 Datasheet HTML 5Page - Sipex Corporation SP6139 Datasheet HTML 6Page - Sipex Corporation SP6139 Datasheet HTML 7Page - Sipex Corporation SP6139 Datasheet HTML 8Page - Sipex Corporation SP6139 Datasheet HTML 9Page - Sipex Corporation SP6139 Datasheet HTML 10Page - Sipex Corporation SP6139 Datasheet HTML 11Page - Sipex Corporation SP6139 Datasheet HTML 12Page - Sipex Corporation SP6139 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Date: 12/20/04
SP6139 Wide Input, 1.3MHz Synchronous PWM Controller
© Copyright 2004 Sipex Corporation
APPLICATIONS INFORMATION
The goal of loop compensation is to manipulate
loop frequency response such that its gain crosses
over 0db at a slope of -20db/dec. The first step
of compensation design is to pick the loop
crossover frequency. High crossover frequency
is desirable for fast transient response, but often
jeopardizes the system stability. Crossover fre-
quency should be higher than the ESR zero but
less than 1/5 of the switching frequency. The
ESR zero is contributed by the ESR associated
with the output capacitors and can be deter-
mined by:
ƒZ(ESR) =
1
2
π COUT RESR
The next step is to calculated the complex con-
jugate poles contributed by the LC output filter,
ƒP(LC) =
1
2
π
L COUT
Frequency
(Hz)
Error Amplify Gain
Bandwidth Product
Condition:
C22 >> CP1, R1 >> RZ3
20 Log (RZ2/R1)
Gain
(dB)
Bode Plot of Type III Error Amplify Compensation.
When the output capacitors are of a Ceramic
Type, the SP6139CU Evaluation Board requires
a Type III compensation circuit to give a phase
boost of 180
° in order to counteract the effects of
an under damped resonance of the output filter
at the double pole frequency.
Table 1. Input and Output Stage Components Selection Charts.
INDUCTORS - SURFACE MOUNT
Inductor Specification
Inductance
Manufacturer/Part No.
Series R
ISAT
Size
Inductor Type
Manufaturer
(uH)
mΩ
(a)
LxW(mm)
Ht.(mm)
Website
2.7
Easy Magnet SC5018-2R7M
4.30
12.0
12.6x12.6
4.5
Shielded Ferrite Core
inter-technical.com
2.7
TDK RLF 12560T-2R7N110
4.50
12.2
12.5x12.8
6.0
Shielded Ferrite Core
tdk.com
3.3
Coilcraft DO5010P-332HC
8.60
17.0
14.7x15.2
8.0
Unshielded Ferrite Core
coilcraft.com
1.2
Easy Magnet SC5018-1R2M
1.96
20.0
12.6x12.6
4.5
Shielded Ferrite Core
inter-technical.com
1.2
Inter-Technical SC4015-1R2M
4.37
17.0
10.0x10.0
3.8
Shielded Ferrite Core
inter-technical.com
1.5
Coilcraft DO5010P-152HC
4.00
25.0
14.7x15.2
8.0
Unshielded Ferrite Core
coilcraft.com
1.9
TDK RLF 12560T-1R9N120
3.60
13.2
12.5x12.8
6.0
Shielded Ferrite Core
tdk.com
CAPACITORS -SURFACE MOUNT
Capacitance
Manufacturer/Part No.
ESR
Ripple Current
Size
Voltage
Capacitor
Manufaturer
(uF)
Ω (max)
(A)@45°C
LxW(mm) Ht.(mm)
(V)
Type
Website
22
TDK C3225X5R1C226M
0.002
4.00
3.2x2.5
2.0
16.0
X5R Ceramic
tdk.com
47
TDK C3225X5ROJ476M
0.002
4.00
3.2x2.5
2.5
6.3
X5R Ceramic
tdk.com
MOSFET - Surface Mount
MOSFET
Manufacturer/Part No.
RDS (on)
ID Current
Qg
Qg
Voltage
Foot Print
Manufaturer
Ω (max)
(A)
nC(Typ)
nC(Max)
(V)
Website
N-Channel
Fairchild Semi FDS6676S
0.006
14.50
43
60.0
30.0
SO-8
fairchildsemi.com
N-Channel
Fairchild Semi FD7088N3
0.005
21.10
37
48.0
30.0
SO-8
fairchildsemi.com
N-Channel
Vishay Si4336DY
0.004
25.0
32
50.0
30.0
SO-8
vishay.com
Note: Components highlighted in Bold are those used on the SP6134 Evaluation Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com