Electronic Components Datasheet Search
  English  ▼

X  

APX9358E Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APX9358E
Description  Three-Phase Sine-wave Sensor-Less Fan Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9358E Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APX9358E Datasheet HTML 1Page - Anpec Electronics Coropration APX9358E Datasheet HTML 2Page - Anpec Electronics Coropration APX9358E Datasheet HTML 3Page - Anpec Electronics Coropration APX9358E Datasheet HTML 4Page - Anpec Electronics Coropration APX9358E Datasheet HTML 5Page - Anpec Electronics Coropration APX9358E Datasheet HTML 6Page - Anpec Electronics Coropration APX9358E Datasheet HTML 7Page - Anpec Electronics Coropration APX9358E Datasheet HTML 8Page - Anpec Electronics Coropration APX9358E Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Apr., 2017
www.anpec.com.tw
4
APX9358E
Electrical Characteristics (V
CC=5V, TA=25°C, unless otherwise specified)
APX 9358 E
Sym bol
P arame ter
Te st Conditions
Min.
Typ.
Max.
Unit
SUPP LY CURRENT
ICC1
O peratin g Cur rent
Ro tation Mod e, FR=V CC
-
4.5
6
mA
I
C C2
Standb y Su pply Cu rrent
PWM=0
-
130
180
µA
PWM CO NTROL
V PWMH
PW M Inpu t High Level Voltage
2.5
-
VCC+0.3
V
VPWML
PW M Inpu t Low Level Voltage
-0 .3
-
0.8
V
IPWMH
PW M High Inpu t Curren t
PWM=V CC
-
0
-
µA
IPWML
PW M Lo w Input Curren t
PWM=G ND
-
2 5
3 0
µA
F
PWM
PW M Inpu t Freque ncy
2
-
5 0
kHz
Osc illator
VOSCH
O SC P in High Level Voltage
1
1.2
1.4
V
VOSCL
O SC P in Low Level Voltage
0.5
0.6
0.7
V
IOSC1
O SC P in Charg e Cu rrent
VOSC=0V
-
1 6.5
-
μA
IOSC2
O SC P in Disch arge Curre nt
VOSC=1.2V
-
1 6.5
-
μA
OUTPUT DRIV ERS
V O
O utput Driver Sa tu ration Volta ge
IOUT=2 50mA, Up per and L owe r total
-
0.3
0 .4 4
V
VFG
FG Pin L ow Voltage
IFG=5mA
-
0.2
0.3
V
IFGL
FG Pin L eak Cu rrent
VFG=7V
-
-
1 0
µA
V
FRH
FR Inp ut High Thresho ld Vo lta ge
0.5 x V
CC
-
V
CC
V
V FRL
FR Inp ut Lo w Thresho ld Vo ltag e
0
-
0.1 x VCC
V
LOCK P ROTECTION
TON
Lo ck Detectio n O n Time
0 .85
1
1 .1 5
sec
TOFF
Lo ck Detectio n O ff Time
4 .25
5
5 .7 5
sec
THE RMAL SHUTDOWN
O ve r Temp erature S hutdown
-
160
-
O TS
O ve r Temp erature S hutdown
Hyste resis
-
3 0
-
oC
QUICK START
TQS
Q uick Start Ena ble Tim e
-
1 6
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com