Electronic Components Datasheet Search
  English  ▼

X  

APX9358P Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APX9358P
Description  Three-Phase Sine-wave Sensor-Less Fan Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9358P Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APX9358P Datasheet HTML 1Page - Anpec Electronics Coropration APX9358P Datasheet HTML 2Page - Anpec Electronics Coropration APX9358P Datasheet HTML 3Page - Anpec Electronics Coropration APX9358P Datasheet HTML 4Page - Anpec Electronics Coropration APX9358P Datasheet HTML 5Page - Anpec Electronics Coropration APX9358P Datasheet HTML 6Page - Anpec Electronics Coropration APX9358P Datasheet HTML 7Page - Anpec Electronics Coropration APX9358P Datasheet HTML 8Page - Anpec Electronics Coropration APX9358P Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - May., 2016
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Three-Phase Sine-wave Sensor-Less Fan Motor Driver
APX9358P
•
PWM Quasi-Sinusoidal Driver
•
Three-Phase Sensor-Less Drive Method
•
Adjustable Forced Commutation Frequency
(for Start-up)
•
Built-In External PWM Speed Control
•
Built-In Quick Start Function
•
Asynchronous FG (Rotation Speed Detection)
Output
•
Soft Switching Circuit (for Noise Reducing)
•
Power Saving Function (PWM Duty Input is 0%)
•
Built-In Lock Protection and Auto Restart Function
•
Thermal Shutdown Circuit
•
Lead Free and Green Devices Available
(RoHS Compliant)
The APX9358P provides all the circuitry for sensor-less
speed control of three-phase brushless DC motor. The
Sine-wave Driver Method will be better low-noise. The
controller functions include start-up circuit, back-EMF com-
mutation control, Pulse Width Modulation (PWM) speed
control, lock protection, and thermal shutdown circuit.
The APX9358P is suitable for both game machine and
CPU cooler that need silent drivers. It is available in
VTDFN3x3-10 package.
Features
General Description
Applications
•
Motor Driver For Silent Fan Motors
Pin Configuration
VCC 3
10 PWM
FG 1
COM 2
FR 5
9 OSC
7 VO
8 GND
VTDFN-10 3X3
(TOP VIEW)
UO 4
6 WO
= Thermal Pad (connected to the GND
plane for better heat dissipation)


Similar Part No. - APX9358P

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9358E ANPEC-APX9358E Datasheet
224Kb / 16P
Three-Phase Sine-wave Sensor-Less Fan Motor Driver
APX9358EQFI-TRG ANPEC-APX9358EQFI-TRG Datasheet
224Kb / 16P
Three-Phase Sine-wave Sensor-Less Fan Motor Driver
More results

Similar Description - APX9358P

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322 Datasheet
258Kb / 20P
Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9358E ANPEC-APX9358E Datasheet
224Kb / 16P
Three-Phase Sine-wave Sensor-Less Fan Motor Driver
APX9359A ANPEC-APX9359A Datasheet
181Kb / 15P
Three-Phase Sine-wave Sensor-Less Fan Motor Driver
APX9365D ANPEC-APX9365D Datasheet
611Kb / 14P
Three-Phase Sensor-Less Fan Motor Driver
logo
Unisonic Technologies
UF2768 UTC-UF2768 Datasheet
166Kb / 8P
THREE-PHASE SINE-WAVE SENSOR-LESS FAN MOTOR DRIVER
logo
List of Unclassifed Man...
AM2355N ETC1-AM2355N Datasheet
358Kb / 11P
3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
AMtek SEMICONDUCTORS CO...
AM2355N AMTEK-AM2355N Datasheet
358Kb / 11P
3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
AM8919 AMTEK-AM8919 Datasheet
336Kb / 12P
3-phase Sensor-less Fan Motor Driver
Jul. 2014 V1.11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com