Electronic Components Datasheet Search
  English  ▼

X  

SP6139EU Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6139EU
Description  Wide Input, 1.3MHz Synchronous PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6139EU Datasheet(HTML) 1 Page - Sipex Corporation

  SP6139EU Datasheet HTML 1Page - Sipex Corporation SP6139EU Datasheet HTML 2Page - Sipex Corporation SP6139EU Datasheet HTML 3Page - Sipex Corporation SP6139EU Datasheet HTML 4Page - Sipex Corporation SP6139EU Datasheet HTML 5Page - Sipex Corporation SP6139EU Datasheet HTML 6Page - Sipex Corporation SP6139EU Datasheet HTML 7Page - Sipex Corporation SP6139EU Datasheet HTML 8Page - Sipex Corporation SP6139EU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Date: 12/20/04
SP6139 Wide Input, 1.3MHz Synchronous PWM Controller
© Copyright 2004 Sipex Corporation
SP6139
FEATURES
■ 2.5V to 20V Step Down Achieved Using Dual Input
■ Small 10-Pin MSOP Package
■ Up to 15A Ouput Capability
■ Highly Integrated Design, Minimal Components
■ UVLO Detects Both VCC and VIN
■ Short Circuit Protection with Auto-Restart
■ On-Board 1.5Ω sink (2Ω source) NFET Drivers
■ Programmable Soft Start
■ Fast Transient Response
■ High Efficiency: Greater than 94% Possible
■ A Synchronous Start-Up into a Pre-Charged Output
Wide Input, 1.3MHz Synchronous PWM Controller
DESCRIPTION
The SP6139 is a synchronous step-down switching regulator controller optimized for high efficiency. The part is
designed to be especially attractive for dual supply, 12V step down with 5V used to power the controller. This lower VCC
voltage minimizes power dissipation in the part. The SP6139 is designed to drive a pair of external NFETs using a fixed
1.3MHz frequency, PWM voltage mode architecture. Protection features include UVLO, thermal shutdown and output
short circuit protection. The SP6139 is available in the cost and space saving 10-pin MSOP
.
®
TYPICAL APPLICATION CIRCUIT
APPLICATIONS
■ DSL Modems
■ Set-Top Boxes
■ 12V VIN Point of Load Apps.
Now Available in Lead Free Packaging
VCC
GL
GND
VFB
COMP
SP6139
10 Pin MSOP
1
2
3
4
5
10
9
8
7
6
BST
GH
SWN
SS
UVIN
5 6
3
CSS
47nF
CBST
0.1µF
L1 SD25-2R2
2.2µH @ 2.8A
DCR=31mΩ
Si4922DY
8.3A, 18mΩ
C3
47µF
6.3V
R1
68.1k, 1%
VOUT≤VIN
3.3V @ 2A
R2
21.5k, 1%
CVCC
10µF
6.3V
R3
150k, 1%
R4
100k, 1%
CF1
100pF
CZ2
1.2nF
CP1
39pF
RZ2
12.7k, 1%
8 7
1
DBST
MBR0530
SP6139
1
2
3
4
5
10
9
8
7
6
VCC
GL
GND
VFB
COMP
BST
GH
SWN
SS
UVIN
UVIN
VCC
GND 3
RLF
3.0,5%
U1
CVCC
Ceramic
8050
X5R
QT
SS
GND2
C3, C4
Ceramic
1210
X5R
C4
47µF
6.3V
RZ3
2.26k, 1%
CZ3
220pF
C1
22µF
16V
GND
VIN
12V
C1, C2
Ceramic
1210
X5R
R5
Bead
QB
= 5V @ 30mA
0.8V
Si4922DY
8.3A, 18mΩ
2
4
Advanced


Similar Part No. - SP6139EU

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6139EU-L EXAR-SP6139EU-L Datasheet
733Kb / 16P
Wide Input, 1.3MHz Synchronous PWM Step Down Controller
SP6139EU-L/TR EXAR-SP6139EU-L/TR Datasheet
733Kb / 16P
Wide Input, 1.3MHz Synchronous PWM Step Down Controller
More results

Similar Description - SP6139EU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
Wide Input, 300KHz Synchronous PWM Controller
SP6137 SIPEX-SP6137 Datasheet
142Kb / 13P
Wide Input, 900KHz Synchronous PWM Controller
logo
Texas Instruments
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Exar Corporation
SP6137 EXAR-SP6137 Datasheet
733Kb / 15P
Wide Input, 900kHz Synchronous PWM Step Down Controller
SP6139 EXAR-SP6139 Datasheet
733Kb / 16P
Wide Input, 1.3MHz Synchronous PWM Step Down Controller
logo
Texas Instruments
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_12 Datasheet
1Mb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI1-TPS40050-Q1_16 Datasheet
426Kb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com