Electronic Components Datasheet Search
  English  ▼

X  

SP3238EEEA/TR Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP3238EEEA/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3238EEEA/TR Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP3238EEEA/TR Datasheet HTML 8Page - Sipex Corporation SP3238EEEA/TR Datasheet HTML 9Page - Sipex Corporation SP3238EEEA/TR Datasheet HTML 10Page - Sipex Corporation SP3238EEEA/TR Datasheet HTML 11Page - Sipex Corporation SP3238EEEA/TR Datasheet HTML 12Page - Sipex Corporation SP3238EEEA/TR Datasheet HTML 13Page - Sipex Corporation SP3238EEEA/TR Datasheet HTML 14Page - Sipex Corporation SP3238EEEA/TR Datasheet HTML 15Page - Sipex Corporation SP3238EEEA/TR Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Date: 02/24/05
SP3238EE Intelligent +3.0V to +5.5V RS-232 Transceiver
© Copyright 2005 Sipex Corporation
12
Figure 13. Charge Pump Waveforms
Figure 14. Charge Pump — Phase 3
VCC = +5V
–5V
+5V
–5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
Figure 15. Charge Pump — Phase 4
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
Ch1 2.00V Ch2 2.00V M 1.00µs Ch1 1.96V
2
1
T
T
[]
T
2
+6V
a) C2+
b) C2-
-6V
0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com