Electronic Components Datasheet Search
  English  ▼

X  

SP3238EEEY/TR Datasheet(PDF) 20 Page - Sipex Corporation

Part # SP3238EEEY/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3238EEEY/TR Datasheet(HTML) 20 Page - Sipex Corporation

Back Button SP3238EEEY/TR Datasheet HTML 12Page - Sipex Corporation SP3238EEEY/TR Datasheet HTML 13Page - Sipex Corporation SP3238EEEY/TR Datasheet HTML 14Page - Sipex Corporation SP3238EEEY/TR Datasheet HTML 15Page - Sipex Corporation SP3238EEEY/TR Datasheet HTML 16Page - Sipex Corporation SP3238EEEY/TR Datasheet HTML 17Page - Sipex Corporation SP3238EEEY/TR Datasheet HTML 18Page - Sipex Corporation SP3238EEEY/TR Datasheet HTML 19Page - Sipex Corporation SP3238EEEY/TR Datasheet HTML 20Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Date: 02/24/05
SP3238EE Intelligent +3.0V to +5.5V RS-232 Transceiver
© Copyright 2005 Sipex Corporation
20
Model
Temperature Range
Package Types
SP3238EECA.................................................0°C to +70°C.....................................................28-pin SSOP
SP3238EECA/TR...........................................0°C to +70°C.....................................................28-pin SSOP
SP3238EECY.................................................0°C to +70°C.....................................................28-pin TSSOP
SP3238EECY/TR...........................................0°C to +70°C.....................................................28-pin TSSOP
SP3238EEEA.................................................-40°C to +85°C..................................................28-pin SSOP
SP3238EEEA/TR...........................................-40°C to +85°C..................................................28-pin SSOP
SP3238EEEY.................................................-40°C to +85°C..................................................28-pin TSSOP
SP3238EEEY/TR...........................................-40°C to +85°C..................................................28-pin TSSOP
ORDERING INFORMATION
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SP3238EEEY/TR = standard; SP3238EEEY-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 1,500 for SSOP and TSSOP.
CLICK HERE TO ORDER SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com