Electronic Components Datasheet Search
  English  ▼

X  

MP02643 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02643
Description  SAW Filter 456MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02643 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02643 Datasheet HTML 1Page - Golledge Electronics Ltd MP02643 Datasheet HTML 2Page - Golledge Electronics Ltd MP02643 Datasheet HTML 3Page - Golledge Electronics Ltd MP02643 Datasheet HTML 4Page - Golledge Electronics Ltd MP02643 Datasheet HTML 5Page - Golledge Electronics Ltd MP02643 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 456MHz
Model: TB0462A
Part No: MP02643
Rev No: 1
TB0462A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -20°C ~ +60°C
2. Storage Temperature: -40°C ~ +85°C
3. Input Power Level: 10dBm
B. CHARACTERISTICS:
1. Ambient Temperature: 25°C
2. Optimal Source Impedance (Balanced): 200
3. Optimal Load Impedance (Balanced): 200
Value
Characteristics
Min.
Typ.
Max.
Note
Center Frequency Fc MHz
-
456
-
-
Minimum Insertion Loss (453.8 ~ 458.2MHz) dB
12.0
13.0
Passband Ripple (453.8 ~ 458.2MHz) dB
-
0.50
1.00
-
30dB Bandwidth MHz
10.6
11.5
Attenuation: (Reference level from minimum insertion loss) dB
10MHz ~ 256MHz dB
30
70
-
-
256MHz ~ 360MHz dB
40
64
-
-
360MHz ~ 421MHz dB
40
55
-
-
421MHz ~ 449MHz dB
36
44
-
-
463MHz ~ 491MHz dB
36
44
-
-
491MHz ~ 552MHz dB
40
55
-
-
552MHz ~ 656MHz dB
40
66
-
-
656MHz ~ 946MHz dB
30
59
-
-
Absolute Group Delay at Fc uS
-
0.45
0.55
-
Group Delay Ripple (453.8 ~ 458.2MHz) dB
-
52
100
-
Input Return Loss (453.8 ~ 458.2MHz) dB
10
36
-
-
Output Return Loss (453.8 ~ 458.2MHz) dB
10
18
-
-
Temp Coefficient ppm/°C
2
-0.036


Similar Part No. - MP02643

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02644 GOLLEDGE-MP02644 Datasheet
126Kb / 6P
SAW Filter 140MHz
MP02645 GOLLEDGE-MP02645 Datasheet
173Kb / 6P
SAW Filter 480.0MHz
MP02646 GOLLEDGE-MP02646 Datasheet
113Kb / 6P
SAW Filter 899MHz
MP02647 GOLLEDGE-MP02647 Datasheet
116Kb / 6P
SAW Filter 875.0MHz
More results

Similar Description - MP02643

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS45601 SIPAT-LBS45601 Datasheet
138Kb / 4P
456MHz IF SAW Filter 5MHz Bandwidth
LBS45602 SIPAT-LBS45602 Datasheet
139Kb / 4P
456MHz IF SAW Filter 9MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0473A TAI-SAW-TA0473A Datasheet
269Kb / 5P
SAW Filter 456MHz SMD3.8X3.8mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0427A TAI-SAW-TB0427A Datasheet
253Kb / 7P
456MHz 7.8MHz BW SMD5x5mm IF SAW Filter
logo
SIPAT Co,Ltd
LBS45601 SIPAT-LBS45601 Datasheet
144Kb / 4P
456MHz IF SAW Filter 5MHz Bandwidth
LBS45602 SIPAT-LBS45602 Datasheet
145Kb / 4P
456MHz IF SAW Filter 9MHz Bandwidth
logo
Oscilent Corporation
807-IF456.0M-A OSCILENT-807-IF456.0M-A_14 Datasheet
119Kb / 4P
456MHz IF SAW Filter 7.6MHz Bandwidth
logo
Golledge Electronics Lt...
MA09960 GOLLEDGE-MA09960 Datasheet
78Kb / 6P
SAW Filter 456MHz
MP02981 GOLLEDGE-MP02981 Datasheet
68Kb / 4P
SAW Resonator 456MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com