Electronic Components Datasheet Search
  English  ▼

X  

MP01780 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01780
Description  SAW Filter 480.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01780 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01780 Datasheet HTML 1Page - Golledge Electronics Ltd MP01780 Datasheet HTML 2Page - Golledge Electronics Ltd MP01780 Datasheet HTML 3Page - Golledge Electronics Ltd MP01780 Datasheet HTML 4Page - Golledge Electronics Ltd MP01780 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 480.0MHz
Model: TB0561A
Part No: MP01780
Rev. No: 2
TB0561A v2
A. MAXIMUM RATINGS:
1. Input Power Level: 10dBm
2. Operating Temperature: -40°C ~ 85°C
3. Storage Temperature: -40°C to 85°C
B. ELECTRICAL CHARACTERISTICS:
Ambient Temperature: 25°C
Characteristics
Min.
Typ.
Max.
Note
Center frequency Fc MHz
-
480
-
-
Minimum Insertion loss IL dB
-
13.1
14
-
1dB Bandwidth MHz
9.0
10.6
-
-
3dB Bandwidth MHz
10.0
12.5
-
-
40dB Bandwidth MHz
-
19.3
22.0
-
Return Loss dB
10
12
Amplitude Ripple (475.25 ~ 484.25MHz) dB P-P
-
0.5
1.0
-
Phase Linearity (475.25 ~ 484.25MHz) deg P-P
-
5.0
-
-
Group Delay Ripple (475.25 ~ 484.25MHz) ns P-P
-
35
75
-
Attenuation (Reference level from Min. insertion loss)
10 ~ 220MHz dB
50
64
-
-
220 ~ 400MHz dB
40
53
-
-
400 ~ 468MHz dB
40
47
-
-
490 ~ 550MHz dB
40
47
-
-


Similar Part No. - MP01780

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01784 GOLLEDGE-MP01784 Datasheet
436Kb / 6P
SAW Filter 1747.50MHz
MP01787 GOLLEDGE-MP01787 Datasheet
102Kb / 7P
IF SAW Filter: 70MHz (BW = 9MHz) SMD 13.3 X 6.5mm
More results

Similar Description - MP01780

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MP02645 GOLLEDGE-MP02645 Datasheet
173Kb / 6P
SAW Filter 480.0MHz
MP03881 GOLLEDGE-MP03881 Datasheet
142Kb / 6P
SAW Filter 480.0MHz
MP03867 GOLLEDGE-MP03867 Datasheet
248Kb / 6P
SAW Filter 480.0MHz
MA07242 GOLLEDGE-MA07242 Datasheet
115Kb / 4P
SAW Filter 480.0MHz
MP05663 GOLLEDGE-MP05663 Datasheet
101Kb / 6P
SAW Filter 480.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com