Electronic Components Datasheet Search
  English  ▼

X  

MP01651 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01651
Description  SAW Filter 140.0MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01651 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01651 Datasheet HTML 1Page - Golledge Electronics Ltd MP01651 Datasheet HTML 2Page - Golledge Electronics Ltd MP01651 Datasheet HTML 3Page - Golledge Electronics Ltd MP01651 Datasheet HTML 4Page - Golledge Electronics Ltd MP01651 Datasheet HTML 5Page - Golledge Electronics Ltd MP01651 Datasheet HTML 6Page - Golledge Electronics Ltd MP01651 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 140.0MHz
Model: TB0559A
Part No: MP01651
Rev. No: 2
TB0559A v2
1
A. MAXIMUM RATING:
1. Maximum Input Power: 10dBm
2. Operating Temperature: -40°C ~ +85°C
3. Storage Temperature: -40°C ~ +85°C
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Characteristics
Min.
Typ.
Max.
Note
Center frequency Fc MHz
-
140.0
-
-
Maximum Insertion loss IL dB
-
9.2
10.5
-
1dB Bandwidth MHz
18.4
20.8
-
-
3dB Bandwidth MHz
20.0
21.8
-
-
35dB Bandwidth MHz
-
25.5
26.4
-
Passband Ripple (within 130.9 ~ 149.1MHz) dB
-
0.75
1.00
-
Group Delay Ripple (within 130.9 ~ 149.1MHz) nS
-
115
150
-
Absolute Group Delay uS
-
1.05
-
-
Input VSWR (within 130.9 ~ 149.1MHz) dB
-
2.0
2.5
-
Output VSWR (within 130.9 ~ 149.1MHz) dB
-
1.7
2.3
-
Temp Coefficient ppm/°C
-
-93
-
-
Attenuation: (Reference level from minimum insertion loss)
10MHz ~ 90MHzdB
35
62
-
-
190MHz ~ 120MHz dB
40
54
-
-
120MHz ~ 126.8MHz dB
35
42
-
-
154.7MHz ~ 160MHz dB
35
45
-
-
160MHz ~ 190 MHz dB
40
43
-
-
190MHz ~ 800MHz dB
35
62
-
-


Similar Part No. - MP01651

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01601 GOLLEDGE-MP01601 Datasheet
242Kb / 6P
SAW Filter 1227MHz
MP01606 GOLLEDGE-MP01606 Datasheet
72Kb / 6P
SAW Filter 300MHz
logo
Multicomp Pro
MP016115 MULTICOMP-MP016115 Datasheet
172Kb / 1P
Cable Tie Releasable
28/07/25 V1.0
MP016116 MULTICOMP-MP016116 Datasheet
172Kb / 1P
Cable Tie Releasable
28/07/25 V1.0
MP016117 MULTICOMP-MP016117 Datasheet
172Kb / 1P
Cable Tie Releasable
28/07/25 V1.0
More results

Similar Description - MP01651

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF140.0M-D OSCILENT-821-IF140.0M-D Datasheet
230Kb / 2P
140.0MHz IF SAW Filter
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA05919 GOLLEDGE-MA05919 Datasheet
78Kb / 3P
140.0MHz SAW Filter
MA06078 GOLLEDGE-MA06078 Datasheet
122Kb / 4P
140.0MHz SAW Filter
MA06842 GOLLEDGE-MA06842 Datasheet
176Kb / 6P
SAW Filter 140.0MHz
MP08431 GOLLEDGE-MP08431 Datasheet
304Kb / 7P
SAW Filter Low Loss 140.0MHz
MA09815 GOLLEDGE-MA09815 Datasheet
57Kb / 4P
140.0MHz SAW Filter
MP05745 GOLLEDGE-MP05745 Datasheet
266Kb / 7P
SAW Filter 140.0MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com