Electronic Components Datasheet Search
  English  ▼

X  

STV6432 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV6432
Description  Audio/Video Output Buffers for STB and DVD Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6432 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV6432 Datasheet HTML 4Page - STMicroelectronics STV6432 Datasheet HTML 5Page - STMicroelectronics STV6432 Datasheet HTML 6Page - STMicroelectronics STV6432 Datasheet HTML 7Page - STMicroelectronics STV6432 Datasheet HTML 8Page - STMicroelectronics STV6432 Datasheet HTML 9Page - STMicroelectronics STV6432 Datasheet HTML 10Page - STMicroelectronics STV6432 Datasheet HTML 11Page - STMicroelectronics STV6432 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ELECTRICAL CHARACTERISTICS
STV6432
8/15
2.6
Chroma Section
TAMB = 25° C, VCCV = 5 V, VCCB = 5 V, VCCA = 9 V
RGA = 600 Ω, RLOUTA = 10 kΩ, RGV = 75 Ω, RLOUTV = 150 Ω, unless otherwise specified.
Table 7: Supply Data
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDCIN
DC Input Level
3V
RIN
Input Resistance
30
50
k
Ω
CIN
Input Capacitance
2
pF
VIN
Max Input Signal
Gain = 6 dB
1.5
VPP
DYN
Dynamic Output Signal
Gain = 6 dB
3
VPP
DCOUT
DC Output Voltage
2.2
V
CBW
Chroma Bandwidth
VIN = 1 VPP at -3 dB Gain = 6 dB
8MHz
CCTO
Chroma Crosstalk Output
Crosstalk Isolation between Output
Channels
VIN = 1 VPP at 3.58 MHz on input
YIN_ENC
RLOAD = 150 Ω, Gain = 6 dB
50
dB
CCTO1
Chroma Crosstalk Output
Crosstalk Isolation between Output
Channels when CVBSIN_ENC is
driven
VIN = 1 VPP at 3.58 MHz on
CVBSIN_ENC input;
Only one CVBS output loaded at
150
Ω; Gain = 6 dB
50
dB
CCTO4
Chroma Crosstalk Output
Crosstalk Isolation between Output
Channels when CVBSIN_ENC is
driven
VIN = 1 VPP at 3.58 MHz on
CVBSIN_ENC input;
All 4 CVBS outputs loaded at
150
Ω; Gain = 6 dB
44
dB
ROUT
Output Resistance
5
10
Ω
GC5
5 dB Gain on Chroma Channels
VIN = 1 VPP
Pin 7 to GND or Logic “0”
4.5
5
5.5
dB
GC6
6 dB Gain on Chroma Channels
VIN = 1 VPP, Pin 7 is open
1
1. When Pin 7 is left open, its voltage is determined by an internal voltage divider consisting of 42 k
Ω to V
CC
(5 V) and 18 k
Ω to Ground
5.5
6
6.5
dB
GC7
7 dB Gain on Chroma Channels
VIN = 1 VPP; Pin 7 connected to
VCCV (5 V) via 22 kΩ or to 3.3 V
6.5
7
7.5
dB
GC8
8 dB Gain on Chroma Channels
VIN = 1 VPP Pin 7 to VCCV (5 V)
7.5
8
8.5
dB
CToYdel
Chroma to Luma Delay, Source Y/C
VIN = 1 VPP at 3.58 MHz
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com