Electronic Components Datasheet Search
  English  ▼

X  

STW81100 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW81100
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW81100 Datasheet HTML 8Page - STMicroelectronics STW81100 Datasheet HTML 9Page - STMicroelectronics STW81100 Datasheet HTML 10Page - STMicroelectronics STW81100 Datasheet HTML 11Page - STMicroelectronics STW81100 Datasheet HTML 12Page - STMicroelectronics STW81100 Datasheet HTML 13Page - STMicroelectronics STW81100 Datasheet HTML 14Page - STMicroelectronics STW81100 Datasheet HTML 15Page - STMicroelectronics STW81100 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
STW81100
12/23
7.6 Lock Detect
This signal indicates that the difference between rising edges of both UP and DOWN PFD signals is found
to be shorter than the fixed delay (roughly 5 ns). Lock Detect signal is high when the PLL is locked.
When Power Down is activated, Lock Detect is let to high level (Lock Detect consumes current only during
PLL transients).
7.7 Change Pump
This block drives two matched current sources, Iup and Idown, which are controlled respectively by UP
and DOWN PFD outputs. The nominal value of the output current is controlled by an external resistor (to
be connected to the REXT input pin) and a selection among 8 by a 3 bit word.
The minimum value of the output current is: IMIN = 2*VBG/REXT (VBG~1.17 V)
Table 8. Current Value vs Selection
Note: The current is output on pin ICP. During the VCO auto calibration, ICP and VCTRL pins are forced to VDD/2.
Figure 15. Loop Filter Connection
CPSEL2
CPSEL1
CPSEL0
Current
Value for REXT=9.1 K
Ω
00
0
IMIN
0.25 mA
00
1
2*IMIN
0.50 mA
01
0
3*IMIN
0.75 mA
01
1
4*IMIN
1.00 mA
10
0
5*IMIN
1.25 mA
10
1
6*IMIN
1.50 mA
11
0
7*IMIN
1.75 mA
11
1
8*IMIN
2.00 mA
Charge
Pump
ICP
VCTRL
BUF
VDD
BUF
Cal bit
R1
C1
C3
R3
C2
C3
R3
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com