Electronic Components Datasheet Search
  English  ▼

X  

FDLC-80 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # FDLC-80
Description  80W Constant Power Mode LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

FDLC-80 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  FDLC-80 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. FDLC-80 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. FDLC-80 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. FDLC-80 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. FDLC-80 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
80W Constant Power Mode LED Driver
FDLC-80 series
SPECIFICATION
MODEL
OUTPUT CURRENT
CONSTANT POWER
OUTPUT
SET UP TIME Note.3
VOLTAGE RANGE
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT(Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
EMC IMMUNITY
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER TEMPERATURE
500ms/230VAC
(Please refer to "STATIC CHARACTERISTIC" section)
47 ~ 63Hz
<0.75mA / 277VAC
ENVIRONMENT
EMC EMISSION
SAFETY &
EMC
PROTECTION
SHORT CIRCUIT
Hiccup mode, recovers automatically after fault condition is removed
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
File Name:FDLC-80-SPEC 2018-04-27
CURRENT TOLERANCE
±5.0%
REGION
OUTPUT VOLTAGE
Note.2
TOTAL HARMONIC DISTORTION
OPEN CIRCUIT VOLTAGE(max.)
COLD START 50A(twidth=
s measured at 50% Ipeak)/230VAC
260
Per NEMA 410
μ;
MAX. No. of PSUs on 16A
CIRCUIT BREAKER
10 units (circuit breaker of type B) / 17 units (circuit breaker of type C) at 230VAC
1. All parameters NOT specially mentioned are measured at 230VAC input, rated current and 25 of ambient temperature.
℃
2. Please refer to "DRIVING METHODS OF LED MODULE".
3. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
4. The driver is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
5. The ambient temperature derating of 3.5 /1000m with fanless models and of 5 /1000m with fan models for operating altitude
℃℃
higher than 2000m(6500ft).
180 ~ 295VAC
254 ~ 417VDC
<0.5W
NO LOAD POWER CONSUMPTION
30 ~ 54V
FDLC-80
1000~ 2100mA
80W
60V
90%
0.5A / 230VAC
0.4A/277VAC
WORKING TEMP.
Compliance to EN55015, EN61000-3-2 Class C (load
60%) ; EN61000-3-3,GB17743,GB17625.1
≧
,EAC TP TC 020
Compliance to EN61000-4-2,3,4,5,6,8,11; EN61547, light industry level(surge immunity:Line-Earth:4KV,Line-Line:2KV),EAC TP TC 020
20 ~ 95% RH non-condensing
-30 ~ +80
, 10 ~ 95% RH
℃
±0.03%/ (0 ~ 50 )
℃℃
10 ~ 500Hz, 5G 12min./1cycle, period for 72min. each along X, Y, Z axes
I/P-O/P:3.75KVAC
I/P-FG:2KVAC
O/P-FG:1.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
℃
498.9K hrs min.
MIL-HDBK-217F (25
)
℃
151*53*31.5mm (L*W*H)
0.43Kg; 24pcs / 11.32Kg / 0.73CUFT
Shut down output voltage, recovers automatically after fault condition is removed
THD< 20%(@load 60%/230VAC; @load 75%/277VAC)
≧≧
(Please refer to “TOTAL HARMONIC DISTORTION(THD)” section)
Tcase=-30 ~ +90
(Please refer to “ OUTPUT LOAD vs TEMPERATURE” section)
℃
MAX. CASE TEMP.
Tcase=+90
℃
PF
0.95/230VAC, PF
0.90/277VAC@full load
≧≧
(Please refer to "POWER FACTOR (PF) CHARACTERISTIC" section)
EN61347-1,EN61347-2-13 Independent, EN62384,GB19510.1,GB19510.14,EAC TP TC 004,IP67 approved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com