Electronic Components Datasheet Search
  English  ▼

X  

0803312 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803312
Description  These conductor marking systems consist of marker carriers and insert labels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803312 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803312 Datasheet HTML 1Page - PHOENIX CONTACT 0803312 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803312
09/06/2018   Page 1 / 2
Conductor marker carrier - PATG 5/12 - 0803312
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Conductor marker carrier, transparent, unlabeled, mounting type: slide on, cable diameter range: 10 - 14 mm,
lettering field size: 12 x 5 mm
Why buy this product
 The corresponding UC‑WMT ..., US‑WMT ..., and EMT ... insert labels are used for marking
 These conductor marking systems consist of marker carriers and insert labels
 The PATG ... collar is a captive marker carrier
 Can be used to mark conductors with a diameter of 0.6 ... 50 mm
Key Commercial Data
Packing unit
200 STK
Minimum order quantity
200 STK
GTIN
GTIN
4055626020044
Technical data
Dimensions
Length (b)
12 mm
Width (a)
15 mm
Cable diameter
10 mm ... 14 mm
Ambient conditions
Ambient temperature (operation)
-50 °C ... 80 °C
General
Color
transparent
Type
Profile
Components
Silicone-free
Flammability rating according to UL 94
V0


Similar Part No. - 0803312

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803310 PHOENIX-0803310 Datasheet
174Kb / 4P
TOPMARK LASER CLEANING NOZZLE - Cleaning set
0803313 PHOENIX-0803313 Datasheet
201Kb / 7P
WMS 4,8 (30X9)RXL YE - Shrink sleeve
0803314 PHOENIX-0803314 Datasheet
191Kb / 6P
WMTB HF (40X12)R RD - Cable marker
0803315 PHOENIX-0803315 Datasheet
191Kb / 6P
WMTB HF (55X15)R RD - Cable marker
0803316 PHOENIX-0803316 Datasheet
54Kb / 2P
The marker has two fastening eyes so that it can be attached to the conductor by means of PKB ... cable binders
More results

Similar Description - 0803312

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814L KODENSHI-KPC814L Datasheet
144Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
PC-17K1 KODENSHI-PC-17K1 Datasheet
533Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
logo
TE Connectivity Ltd
408-10154 TEC-408-10154 Datasheet
196Kb / 3P
These connectors consist of a plug and a receptacle
logo
PHOENIX CONTACT
0801602 PHOENIX-0801602 Datasheet
54Kb / 2P
EMT insert labels for labeling various marking collars
0804288 PHOENIX-0804288 Datasheet
52Kb / 2P
EMT insert labels for labeling various marking collars
0830814 PHOENIX-0830814 Datasheet
54Kb / 2P
The cable marker labels consist of a self-adhesive marking field and a transparent protective foil
0830776 PHOENIX-0830776 Datasheet
44Kb / 2P
Aluminum device marking for snapping into marker carriers
2732729 PHOENIX-2732729 Datasheet
44Kb / 2P
Set of 50 small and 50 large metal marking labels
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com