Electronic Components Datasheet Search
  English  ▼

X  

0803316 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803316
Description  The marker has two fastening eyes so that it can be attached to the conductor by means of PKB ... cable binders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803316 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803316 Datasheet HTML 1Page - PHOENIX CONTACT 0803316 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803316
09/06/2018   Page 1 / 2
Cable marker - WMTB HF (55X25)R RD - 0803316
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable marker, Roll, red, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL
X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, THERMOMARK S1.1, mounting type:
Assembly with cable binders, cable diameter: ≥ 6 mm, lettering field size: 55 x 25 mm
Why buy this product
 The marker has two fastening eyes so that it can be attached to the conductor by means of PKB ... cable binders
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626024356
Technical data
Dimensions
Length (b)
55 mm
Width (a)
25 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 80 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in the
original packaging is recommended.
General
Color
red
Type
Roll
Components
halogen-free
Flammability rating according to UL 94
V0
Material
PUR
RoHS compliant
Yes
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
500


Similar Part No. - 0803316

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803310 PHOENIX-0803310 Datasheet
174Kb / 4P
TOPMARK LASER CLEANING NOZZLE - Cleaning set
0803312 PHOENIX-0803312 Datasheet
51Kb / 2P
These conductor marking systems consist of marker carriers and insert labels
0803313 PHOENIX-0803313 Datasheet
201Kb / 7P
WMS 4,8 (30X9)RXL YE - Shrink sleeve
0803314 PHOENIX-0803314 Datasheet
191Kb / 6P
WMTB HF (40X12)R RD - Cable marker
0803315 PHOENIX-0803315 Datasheet
191Kb / 6P
WMTB HF (55X15)R RD - Cable marker
More results

Similar Description - 0803316

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
155-1415 GILWAY-155-1415 Datasheet
60Kb / 1P
7628-750 - THE WIRE WILL BE ATTACHED BY SOLDERING TO LAMP PINS
logo
List of Unclassifed Man...
PMOD8LD ETC1-PMOD8LD Datasheet
148Kb / 1P
The Pmod8LD has eight high-bright LEDs that are driven by logic-level transistors so each LED can be illuminated with a logic high signal that provides less than 1mA of current.
logo
Sumida Corporation
CDRH125-220MC SUMIDA-CDRH125-220MC Datasheet
94Kb / 4P
REF. TO THE ATTACHED SHEET.
logo
Wurth Elektronik GmbH &...
784787101 WURTH-784787101 Datasheet
589Kb / 7P
It is recommeded that the temperature of the component does not exceed
784787120 WURTH-784787120 Datasheet
589Kb / 7P
It is recommeded that the temperature of the component does not exceed
784787121 WURTH-784787121 Datasheet
589Kb / 7P
It is recommeded that the temperature of the component does not exceed
logo
Ohmite Mfg. Co.
SINK-S OHMITE-SINK-S Datasheet
353Kb / 2P
The heat sink has two types of surface finish
logo
TE Connectivity Ltd
408-7276 TEC-408-7276 Datasheet
85Kb / 1P
Remove the contact by pulling it out of the rear of cavity.
logo
PHOENIX CONTACT
2959434 PHOENIX-2959434 Datasheet
67Kb / 2P
Cable fixing by means of UM ...-SEK lateral element (fixed using cable binders, not supplied as standard)
logo
Murata Manufacturing Co...
BLT5BPT680LN1 MURATA1-BLT5BPT680LN1 Datasheet
374Kb / 3P
It can be used under the -55 ??to 150 ??usage environment
Last updated07/18/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com