Electronic Components Datasheet Search
  English  ▼

X  

TEA2029C Datasheet(PDF) 5 Page - STMicroelectronics

Part # TEA2029C
Description  COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2029C Datasheet(HTML) 5 Page - STMicroelectronics

  TEA2029C Datasheet HTML 1Page - STMicroelectronics TEA2029C Datasheet HTML 2Page - STMicroelectronics TEA2029C Datasheet HTML 3Page - STMicroelectronics TEA2029C Datasheet HTML 4Page - STMicroelectronics TEA2029C Datasheet HTML 5Page - STMicroelectronics TEA2029C Datasheet HTML 6Page - STMicroelectronics TEA2029C Datasheet HTML 7Page - STMicroelectronics TEA2029C Datasheet HTML 8Page - STMicroelectronics TEA2029C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ELECTRICAL OPERATING CHARACTERISTICS (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
SYNCH SEPARATOR (Pins 26-27) (continued)
–I26
Positive Current
0
- 0.75
- 1
nA
I26
Negative Current
17
25
36
µA
PULSE FOR KEYED AGC (Pin 20) - Positive (function : without video signal : low level, with video signal : key pulses)
I20
Output Current
5mA
V20
Output Saturation Voltage (I20 = 5 mA)
0.25
0.4
V
tk
Pulse width (synchro pulse is always inside the key pulse)
6.5
8
8.5
µs
VCO (Pins 17-18 and 19)
Frequency control range after line divider
(ceramic resonator : 503 kHz)
15.30 to
16.10
kHz
PHASE COMPARATOR
ϕ 1 (Pin 22)
Output Current Low Loop Gain
± 0.35
± 0.50 ± 0.65
mA
Output Current High Loop Gain
± 1
± 1.5
± 2mA
Window Pulse Width
7
10
13
µs
VCR SWITCHING (Pin 23)
Threshold Voltage VCR Operating
1.7
2.2
2.7
V
I23
Input Current (V23 =0 VCC = 12V)
- 0.030
- 0.25
- 1
mA
VIDEO IDENTIFICATION (Pin 24)
V24
Output Saturation Voltage (without video signal, I24 = 3 mA)
0.2
0.6
V
Output Voltage (with 60 Hz video signal, I24 = 2.5 mA)
5
6.5
0.6
V
Output Voltage (with 50 Hz video signal, I24 =10
µA)
11
11.5
7.5
V
VIDEO IDENTIFICATION (Pin 25)
I25
Output Current (charging the capacitor)
0.5
0.75
1
mA
t25
Identification Time (charging the capacitor)
1.3
1.7
2.2
µs
V25
Threshold (voltage changing from lower to higher value)
4
4.5
5
V
LHYS
Hysteresis
150
240
400
mV
H-RAMP GENERATOR (Pin 13)
Ich13
Charge Current
185
200
215
µA
VI13
Base Voltage of Saw-tooth
0.5
V
Idis13
Discharge Current
3.5
7
mA
SUPER SANDCASTLE (Pin 11)
VB11
Burst Key Pulse Level Output Voltage (I11 = - 5mA)
9
V
VL11
Line Blanking Pulse Level Output Voltage (I11 = - 5mA)
4
4.5
5
V
VBT11
Frame Blanking Pulse Level Output Voltage
(and frame out of function) (I11 = - 5mA)
2
2.5
3
V
TB11
Delay between Middle of Synch Pulse (pin 27) and Leading
Edge of Burst Key Pulse
2.3
3
µs
Duration of Burst Key Pulse
3.7
4
5
µs
TO11
Delay between SSC Cutting at Pin 12 and Line Blanking Pulse
0.35
µs
NEGATIVE LINE FLY-BACK INPUT (Pin 12)
Threshold for SMPS Safety
1.1
V
Vbl12
Threshold for Blanking
11
11.5
12
V
Vϕ12
Threshold for PLL2
- 1
V
I12
Input Current 11V < V12
- 200
µA
I12
Input Current 1.3V < V12 < 11V
-3
3
µA
I12
Input Current 0V < V12< 1.3V
0
- 80
µA
I12
Input Current - 1V < V12 <0V
0
-1
- 2
mA
Line Blanking Trigger
80
µA
TEA2029C
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com