Electronic Components Datasheet Search
  English  ▼

X  

0804288 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804288
Description  EMT insert labels for labeling various marking collars
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804288 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804288 Datasheet HTML 1Page - PHOENIX CONTACT 0804288 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0804288
09/06/2018   Page 1 / 2
Insert label - EMT (60X10)R - 0804288
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Insert label, Roll, white, unlabeled, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: snapped into marker carrier, lettering field
size: 60 x 10 mm
Why buy this product
 EMT ... insert labels for labeling various marking collars
 Thanks to their special shape, EMT ... insert labels remain securely inside the collar once inserted
 Quick and inexpensive marking with THERMOMARK ... roll printers from PHOENIX CONTACT
 When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences. The marking is even suitable for
use under harsh industrial conditions.
 Marking service: Phoenix Contact can custom-mark all EMT ... markers according to your requirements
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626291659
Technical data
Dimensions
Length (b)
10 mm
Width (a)
60 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 120 °C
General
Color
white
Components
free from silicone and halogen
Material
Polyester
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
2500


Similar Part No. - 0804288

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804280 PHOENIX-0804280 Datasheet
158Kb / 6P
ICC 2,5/ 2-STZ-5,08
0804280 PHOENIX-0804280 Datasheet
138Kb / 5P
TFKC 2,5/ 5-STF-5,08 AU
0804280 PHOENIX-0804280 Datasheet
152Kb / 6P
ICC 2,5/ 4-STZFD-5,08
0804280 PHOENIX-0804280 Datasheet
143Kb / 5P
MCV 1,5/ 7-G-5,08
0804280 PHOENIX-0804280 Datasheet
145Kb / 5P
MCV 1,5/12-GF-5,08
More results

Similar Description - 0804288

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801602 PHOENIX-0801602 Datasheet
54Kb / 2P
EMT insert labels for labeling various marking collars
0802764 PHOENIX-0802764 Datasheet
53Kb / 2P
Thanks to their special shape, EMT insert labels remain securely inside the collar once inserted
0803312 PHOENIX-0803312 Datasheet
51Kb / 2P
These conductor marking systems consist of marker carriers and insert labels
2734727 PHOENIX-2734727 Datasheet
43Kb / 2P
100 large metal marking labels
2734730 PHOENIX-2734730 Datasheet
43Kb / 2P
100 small metal marking labels
0803848 PHOENIX-0803848 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5)
0803851 PHOENIX-0803851 Datasheet
50Kb / 2P
Insert label - US-EMT (50X26)
0803856 PHOENIX-0803856 Datasheet
50Kb / 2P
Insert label - US-EMT (103X23)
0803858 PHOENIX-0803858 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109)
0803862 PHOENIX-0803862 Datasheet
50Kb / 2P
Insert label - US-EMT (13X109)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com