Electronic Components Datasheet Search
  English  ▼

X  

0831521 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0831521
Description  High-quality appearance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0831521 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0831521 Datasheet HTML 1Page - PHOENIX CONTACT 0831521 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0831521
09/06/2018   Page 1 / 2
Cable marker - LS-WMTB-V4A (D30) - 0831521
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable marker, Stainless steel label, silver, unlabeled, can be labeled with: TOPMARK LASER,
TOPMARK NEO, mounting type: Assembly with cable binders, cable diameter: > 2.9 mm, lettering field size: d
30 mm
Why buy this product
 Stainless steel cable marking for assembly with cable binders
 High-quality appearance
 Suitable for large-surface marking of conductors and cables > 2.9 mm in diameter
Key Commercial Data
Packing unit
5 STK
GTIN
GTIN
4046356925310
Technical data
Dimensions
Length (b)
30 mm
Width (a)
30 mm
Material thickness (g)
0.50 mm
Ambient conditions
Ambient temperature (operation)
-80 °C ... 400 °C
General
Color
silver
Type
Card form
Components
free from silicone, halogen, and cadmium
Material
V4A
RoHS compliant
Yes
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)


Similar Part No. - 0831521

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0831520 PHOENIX-0831520 Datasheet
54Kb / 2P
Stainless steel cable marking for assembly with cable binders
More results

Similar Description - 0831521

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
G60-PA-9W-W6-E27 HB-G60-PA-9W-W6-E27 Datasheet
515Kb / 2P
Lens Appearance
G60-PA-12W-W6-E27 HB-G60-PA-12W-W6-E27 Datasheet
515Kb / 2P
Lens Appearance
G60-9W-W3-E27 HB-G60-9W-W3-E27 Datasheet
353Kb / 2P
Lens Appearance
G60-9W-W6-E27 HB-G60-9W-W6-E27 Datasheet
354Kb / 2P
Lens Appearance
GU60-5W-W3-E27 HB-GU60-5W-W3-E27 Datasheet
344Kb / 2P
Lens Appearance
MR16-36PCS-W6-GU10 HB-MR16-36PCS-W6-GU10 Datasheet
1Mb / 2P
Lens Appearance
STR2-16G-130 HB-STR2-16G-130 Datasheet
54Kb / 2P
Lens Appearance
MR16-3.5W-W3-E27 HB-MR16-3.5W-W3-E27 Datasheet
200Kb / 1P
Lens Appearance
MR16-3.5W-W3-GU10 HB-MR16-3.5W-W3-GU10 Datasheet
261Kb / 1P
Lens Appearance
MR16-3.5W-W6-GU10 HB-MR16-3.5W-W6-GU10 Datasheet
261Kb / 1P
Lens Appearance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com