Electronic Components Datasheet Search
  English  ▼

X  

0831723 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0831723
Description  Stick-on device marking
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0831723 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0831723 Datasheet HTML 1Page - PHOENIX CONTACT 0831723 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0831723
09/06/2018   Page 1 / 2
Device marker - LS-EMLP (60X15) SR - 0831723
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Device marker, Sheet, silver, unlabeled, can be labeled with: TOPMARK LASER, TOPMARK NEO, mounting
type: adhesive, lettering field size: 60 x 15 mm
Why buy this product
 Stick-on device marking
Key Commercial Data
Packing unit
10 STK
Minimum order quantity
10 STK
GTIN
GTIN
4046356926645
Technical data
Dimensions
Length (b)
15 mm
Width (a)
60 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 85 °C
Recommended storage conditions
20°C/50% relative humidity. Storage in the original packaging is
recommended.
General
Color
silver
Components
free from silicone and halogen
Material
TRANSPLY-ABS
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
20
Adhesive
Acrylic
Printability
Direct laser marking


Similar Part No. - 0831723

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0831720 PHOENIX-0831720 Datasheet
191Kb / 6P
LS-EMLP (45X14) SR - Device marker
0831721 PHOENIX-0831721 Datasheet
190Kb / 6P
LS-EMLP (45X15) SR - Device marker
0831722 PHOENIX-0831722 Datasheet
188Kb / 5P
LS-EMLP (49X15) SR - Device marker
0831725 PHOENIX-0831725 Datasheet
188Kb / 6P
LS-EMLP (85,6X54) SR - Device marker
0831726 PHOENIX-0831726 Datasheet
187Kb / 6P
LS-EMLP (100X60) SR - Device marker
More results

Similar Description - 0831723

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
Memory Stick & Memory Stick Duo
logo
Leshan Radio Company
LBAT54HT1G LRC-LBAT54HT1G_11 Datasheet
119Kb / 3P
Schottky Barrier Diodes Device Marking: JV
logo
Yea Shin Technology Co....
RB521S-30 YEASHIN-RB521S-30 Datasheet
747Kb / 3P
Schottky Barrier Diode DEVICE MARKING CODES
logo
Pulse A Technitrol Comp...
W5039 PULSE-W5039 Datasheet
909Kb / 11P
Stick Antenna
logo
Taoglas antenna solutio...
FXR.07.A TAOGLAS-FXR.07.A Datasheet
3Mb / 10P
Peel and stick 3M adhesive on back
logo
PHOENIX CONTACT
0831593 PHOENIX-0831593 Datasheet
54Kb / 2P
Stick-on aluminum device marking
0831598 PHOENIX-0831598 Datasheet
54Kb / 2P
Stick-on aluminum device marking
0830776 PHOENIX-0830776 Datasheet
44Kb / 2P
Aluminum device marking for snapping into marker carriers
logo
WAGO Kontakttechnik Gmb...
757-001 WAGO-757-001 Datasheet
50Kb / 2P
Marking strips; not stretchable; snap-on type
logo
Schneider Electric
ZBYM2367 SCHNEIDER-ZBYM2367 Datasheet
69Kb / 2P
legend plate metal with off-on marking
Nov 8, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com