Electronic Components Datasheet Search
  English  ▼

X  

K50-HC Datasheet(PDF) 2 Page - AVX Corporation

Part # K50-HC
Description  Clock Oscillators (SMD)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

K50-HC Datasheet(HTML) 2 Page - AVX Corporation

  K50-HC Datasheet HTML 1Page - AVX Corporation K50-HC Datasheet HTML 2Page - AVX Corporation K50-HC Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
26
K50/K30 HC SERIES
TEST CIRCUIT
A
V
Vcc
0.01
µF
43
12
CL
E/D
T.P
+
-
CL=50pF (f
≤50MHz), CL=15pF (f>50MHz)
(CL includes probe and test fixture capacitance)
Clock Oscillators
K30/K50 Series
Type
Frequency Range
Load
Drive Level
Duty Ratio
Features
(MHz)
CMOS
1. IR Reflowable
K50-HC
8 to 68
CL=50pF (max.)
VOH0.9Vcc
45/55%
2. Mini-SMD
(fO
≤50MHz)
VOL0.1Vcc
(0.5Vcc)
3. Tristate Output, Enable/Disable Function
F>50MHz CL=15pF
CMOS
1. 3.3V Available
K50-3C
8 to 80
VOH0.9Vcc
40/60%
2. IR Reflowable
CL=15pF (max.)
VOL0.1Vcc
(0.5Vcc)
3. Mini-SMD
4. Tristate Output, Enable/Disable Function
CMOS
1. 3.3V Available
K50H-3C
50 to 160
VOH0.9Vcc
45/55%
2. IR Reflowable
CL=15pF (max.)
VOL0.1Vcc
(0.5Vcc)
3. Mini-SMD
4. Tristate Output, Enable/Disable Function
CMOS
1. IR Reflowable
K30-HC
8 to 50
CL=50pF (max.)
VOH0.9Vcc
45/55%
2. Mini-SMD
(fO
≤50MHz)
VOL0.1Vcc
(0.5Vcc)
3. Tristate Output, Enable/Disable Function
CMOS
1. 3.3V Available
K30-3C
8 to 67
VOH0.9Vcc
40/60%
2. IR Reflowable
CL=15pF (max.)
VOL0.1Vcc
(0.5Vcc)
3. Mini-SMD
4. Tristate Output, Enable/Disable Function
SPECIFICATIONS
Kyocera has a wide range of clock oscillators with frequency and package size to match the various customer requirements.
K50H 3C SERIES
TEST CIRCUIT
A
V
Vcc
0.01
µF
43
12
CL
E/D Control
T.P
+
-
CL=15pF
(CL includes probe and test fixture capacitance)
OUTPUT WAVE FORM
FOR ALL SERIES
AB
TR
0.9Vcc
0.5Vcc
0.1Vcc
TF
Duty Ratio =
A + B
x 100
A
A
V
Vcc
0.01
µF
43
12
CL
E/D
T.P
+
-
CL=50pF (f
≤50MHz), CL=15pF (f>50MHz)
(CL includes probe and test fixture capacitance)
K50/K30 3C SERIES
TEST CIRCUIT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com