Electronic Components Datasheet Search
  English  ▼

X  

P3S79129 Datasheet(PDF) 2 Page - celduc-relais

Part # P3S79129
Description  AUTONOMOUS Safety Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

P3S79129 Datasheet(HTML) 2 Page - celduc-relais

  P3S79129 Datasheet HTML 1Page - celduc-relais P3S79129 Datasheet HTML 2Page - celduc-relais P3S79129 Datasheet HTML 3Page - celduc-relais P3S79129 Datasheet HTML 4Page - celduc-relais P3S79129 Datasheet HTML 5Page - celduc-relais P3S79129 Datasheet HTML 6Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
page 2 / 6 GB
Block diagram P3S version
Block diagram P3S version
Use moreover a safety adapted power supply.
Connection cable and connector version outputs (P3S only):
Connection
Cable version
Connector version
+24VDC
0VDC
Brown : BN
Blue : BU
Pin N°1
Pin N°3
I1 ( + output 1)
O1 (- output 1)
I2 (+ output 2)
O2 (- output 2)
Grey : GY
Black : BK
Pin N°7
Pin N°4
Pink : PK
White : WH
Pin N° 6
Pin N°2
- In case of chaining several sensors, consider the products on-
state resistance and the cable resistance. The direct drop by sen-
sor will depend on this resistance and the load current. Typically
we can connect in series 32 products with 2-meters length ca-
bles.
- In case of using standard M12 extension, check carefully the
wire colors concordance.
- These sensors can also be associated to safety modules. Check
the compatibility.
P3S sensors chaining
Application category 3 according EN 13849-1
SIL2
r
e
l
a
i
s
www.celduc.com
celducâ
5, Rue Ampère BP30004
42290 SORBIERS - FRANCE
E-mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
P/P3S-P4S/B/08/01/2016
Power supply



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com