Electronic Components Datasheet Search
  English  ▼

X  

AD1934 Datasheet(PDF) 16 Page - Analog Devices

Part # AD1934
Description  8-Channel DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1934 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1934 Datasheet HTML 12Page - Analog Devices AD1934 Datasheet HTML 13Page - Analog Devices AD1934 Datasheet HTML 14Page - Analog Devices AD1934 Datasheet HTML 15Page - Analog Devices AD1934 Datasheet HTML 16Page - Analog Devices AD1934 Datasheet HTML 17Page - Analog Devices AD1934 Datasheet HTML 18Page - Analog Devices AD1934 Datasheet HTML 19Page - Analog Devices AD1934 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD1934
Data Sheet
Rev. D | Page 16 of 28
DAISY-CHAIN MODE
The AD1934 also allows a daisy-chain configuration to expand
the system 16 DACs (see Figure 12). In this mode, the DBCLK
frequency is 512 fS. The first eight slots of the DAC TDM data
stream belong to the first AD1934 in the chain and the last eight
slots belong to the second AD1934. The second AD1934 is the
device attached to the DSP TDM port.
To accommodate 16 channels at a 96 kHz sample rate, the
AD1934 can be configured into a dual-line, DAC TDM mode,
as shown in Figure 13. This mode allows a slower DBCLK than
normally required by the one-line TDM mode.
Again, the first four channels of each TDM input belong to the
first AD1934 in the chain and the last four channels belong to
the second AD1934.
The dual-line, DAC TDM mode can also be used to send data at
a 192 kHz sample rate into the AD1934, as shown in Figure 14.
The I/O pins of the serial ports are defined according to the
serial mode selected. See Table 13 for a detailed description of
the function of each pin. See Figure 18 for a typical AD1934
configuration with two external stereo DACs. Figure 15 and
Figure 16 show the serial mode formats. For maximum
flexibility, the polarity of LRCLK and BCLK are programmable.
In these figures, all of the clocks are shown with their normal
polarity. The default mode is I2S.
DLRCLK
DBCLK
8 DAC CHANNELS OF THE FIRST IC IN THE CHAIN
8 UNUSED SLOTS
8 DAC CHANNELS OF THE SECOND IC IN THE CHAIN
MSB
DSDATA1 (TDM_IN)
OF THE SECOND AD1934
DSDATA2 (TDM_OUT)
OF THE SECOND AD1934
THIS IS THE TDM
TO THE FIRST AD1934
DAC L1
DAC R1
DAC L2
DAC R2
DAC L3
DAC R3
DAC L4
DAC R4
DAC L1
DAC R1
DAC L2
DAC R2
DAC L3
DAC R3
DAC L4
DAC R4
DAC L1
DAC R1
DAC L2
DAC R2
DAC L3
DAC R3
DAC L4
DAC R4
32 BITS
DSP
SECOND
AD1934
FIRST
AD1934
Figure 12. Single-Line DAC TDM Daisy-Chain Mode (Applicable to 48 kHz Sample Rate, 16-Channel, Two AD1934 Daisy Chain)
DLRCLK
DBCLK
8 DAC CHANNELS OF THE SECOND IC IN THE CHAIN
8 DAC CHANNELS OF THE FIRST IC IN THE CHAIN
DSDATA1
(IN)
DAC L1
DAC R1
DAC L2
DAC R2
DAC L1
DAC R1
DAC L2
DAC R2
DSDATA3
(IN)
DAC L3
DAC R3
DAC L4
DAC R4
DAC L3
DAC R3
DAC L4
DAC R4
DSDATA2
(OUT)
DAC L1
DAC R1
DAC L2
DAC R2
DSDATA4
(OUT)
DAC L3
DAC R3
DAC L4
DAC R4
32 BITS
DSP
SECOND
AD1934
FIRST
AD1934
MSB
Figure 13. Dual-Line, DAC TDM Mode (Applicable to 96 kHz Sample Rate, 16-Channel, Two AD1934 Daisy Chain; DSDATA3 and DSDATA4 Are the Daisy Chain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com