Electronic Components Datasheet Search
  English  ▼

X  

AD2402 Datasheet(PDF) 1 Page - Analog Devices

Part # AD2402
Description  Automotive Audio Bus Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2402 Datasheet(HTML) 1 Page - Analog Devices

  AD2402 Datasheet HTML 1Page - Analog Devices AD2402 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A2B and the A2B logo are registered trademarks of Analog Devices, Inc.
Automotive Audio Bus
A2B Transceiver
AD2401/AD2402/AD2403/AD2410
Rev. SpE
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
A2B BUS FEATURES
Line topology
Single master, multiple slave
Up to 10 m between nodes and up to 40 m overall cable
length
Communication over distance
Synchronous data
Multichannel I2S/TDM to I2S/TDM
Clock synchronous, phase aligned in all nodes
Control and status Information
I2C to I2C
Phantom power or local power slave nodes
Configurable with SigmaStudioTM graphical software tool
Qualified for automotive applications
ADDITIONAL TRANSCEIVER FEATURES
Configurable as A2B bus master or slave (AD2403/AD2410)
I2C interface
8-bit to 32-bit multichannel I2S/TDM interface
Up to 32 upstream channels or combination with up to
32 downstream channels
I2S/TDM or PDM microphone inputs
APPLICATIONS
Automotive audio communication link
Communication network for:
Microphones/speakers
Sensor/actuator
I2C peripherals
GENERAL DESCRIPTION
The Automotive Audio Bus (A2B
®) provides a multichannel,
I2S/TDM link over distances of up to 10 m between nodes. It
embeds bidirectional synchronous data (for example digital
audio), clock, and synchronization signals onto a single differ-
ential wire pair. A2B supports a direct point to point connection
and allows multiple, daisy-chained nodes at different locations
to contribute or consume time division multiplexed channel
content. A2B is a single-master, multiple-slave system where the
transceiver chip at the host controller is the master. It generates
clock, synchronization, and framing for all slave nodes. The
master A2B chip is programmable over a control bus (I2C) for
configuration and read back. An extension of this control bus is
embedded in the A2B data stream allowing direct access of regis-
ters and status information on slave transceivers as well as 
I2C to I2C communication over distance.
Complete technical specifications are available for the A2B
transceiver. Contact your nearest Analog Devices sales office to
complete the nondisclosure agreement (NDA) required to
receive additional product information
.
Table 1. Product Comparison Guide
Feature
AD2401 AD2402 AD2403 AD2410
Master capable
No
No
Yes
Yes
Functional TRX blocks
A only
A + B
A + B
A + B
I2S/TDM support
No
No
Yes
Yes
PDM microphone inputs
4 Mics
4 Mics
None
4 Mics
Maximum node to node
cable length
10 m
10 m
1 m
10 m
Figure 1. Functional Block Diagram
A2B
TRX B
(Towards
Master)
VREG1
I2C
PLL
BCLK
DTX[1:0]
IRQ/IO0
DRX[1:0]
SYNC
SDA
SCL
ADR1/IO1
MSTR
IOVDD
A2B
TRX A
(Towards
Last Slave)
BCM
AP
ACM
BN
DVDD
A/BTRXVDD
PLLVDD
VSS
SWP
VIN
VOUT1
ADR2/IO2
VREG2
VOUT2
VSSN
AN
BP
SENSE
DIAGNOSTICS
I2S/TDM
PDM
®


Similar Part No. - AD2402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD240 AD-AD240 Datasheet
363Kb / 11P
5 V Powered CMOS RS-232 Drivers/Receivers
logo
Texas Instruments
AD240 TI-AD240 Datasheet
571Kb / 18P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - AD2402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
logo
Texas Instruments
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
Analog Devices
AD2421W AD-AD2421W Datasheet
193Kb / 2P
Automotive Audio Bus A2B Transceiver
AD2426W AD-AD2426W Datasheet
161Kb / 2P
Automotive Audio Bus A2B Transceiver
AD2420 AD-AD2420 Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
1/2020-Rev. A to Rev. B
AD2420 AD-AD2420_V01 Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
Rev. C
AD2420 AD-AD2420_V02 Datasheet
1Mb / 38P
Automotive Audio Bus (A2B) Transceiver
Rev. D
AD2431 AD-AD2431 Datasheet
170Kb / 2P
Automotive Audio Bus (A2B) Transceiver
Rev. SpA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com