Electronic Components Datasheet Search
  English  ▼

X  

AD8565 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8565
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8565 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8565 Datasheet HTML 5Page - Analog Devices AD8565 Datasheet HTML 6Page - Analog Devices AD8565 Datasheet HTML 7Page - Analog Devices AD8565 Datasheet HTML 8Page - Analog Devices AD8565 Datasheet HTML 9Page - Analog Devices AD8565 Datasheet HTML 10Page - Analog Devices AD8565 Datasheet HTML 11Page - Analog Devices AD8565 Datasheet HTML 12Page - Analog Devices AD8565 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
AD8565/AD8566/AD8567
Rev. H | Page 11 of 13
TOTAL HARMONIC DISTORTION + NOISE (THD + N)
The AD8565/AD8566/AD8567 feature low total harmonic dis-
tortion. Figure 31 shows THD + N vs. frequency. The THD + N
over the entire supply range is below 0.008%. When the device
is powered from a 16 V supply, the THD + N stays below
0.003%. Figure 31 shows the AD8566 in a unity noninverting
configuration.
FREQUENCY (Hz)
20
100
10
1
0.01
0.1
1k
10k
30k
VS = ±2.5V
VS = ±8V
Figure 31. THD + N vs. Frequency
SHORT-CIRCUIT OUTPUT CONDITIONS
The AD8565/AD8566/AD8567 do not have internal short-
circuit protection circuitry. As a precautionary measure, it is
recommended not to short the output directly to the positive
power supply or to ground.
It is not recommended to operate the AD8565/AD8566/AD8567
with more than 35 mA of continuous output current. The
output current can be limited by placing a series resistor at the
output of the amplifier whose value can be derived using
mA
35
S
X
V
R 
For a 5 V single-supply operation, RX must have a minimum
value of 143 Ω.
LCD PANEL APPLICATIONS
The AD8565/AD8566/AD8567 amplifier is designed for LCD
panel applications or applications where large capacitive load
drive is required. It can instantaneously source/sink greater than
250 mA of current. At unity gain, it can drive 1 μF without
compensation. This makes the AD8565/AD8566/AD8567 ideal
for LCD VCOM driver applications.
To evaluate the performance of the AD8565/AD8566/AD8567,
a test circuit was developed to simulate the VCOM driver
application for an LCD panel. Figure 32 shows the test circuit.
Series capacitors and resistors connected to the output of the op
amp represent the load of the LCD panel. The 300 Ω and 3 kΩ
feedback resistors are used to improve settling time. This test
circuit simulates the worst-case scenario for a VCOM. It drives a
represented load that is connected to a signal switched symmet-
rically around VCOM.
Figure 33 shows a scope photo of the instantaneous output peak
current capability of the AD8565/AD8566/AD8567.
INPUT 0VTO 8V
SQUARE WAVE WITH
15.6µs PULSE WIDTH
300Ω
3kΩ
10Ω
10Ω
10Ω
10Ω
10nF
10nF
10nF
10nF
MEASURE
CURRENT
4V
8V
10Ω TO 20Ω
Figure 32. VCOM Test Circuit with Supply Voltage at 16 V
TIME (2µs/DIV)
CH 2 = 100mA/DIV
CH 1 = 5V/DIV
10
0%
100
90
Figure 33. Scope Photo of the VCOM Instantaneous Peak Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com