Electronic Components Datasheet Search
  English  ▼

X  

ADDI9020 Datasheet(PDF) 1 Page - Analog Devices

Part # ADDI9020
Description  60 MHz CCD Signal Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDI9020 Datasheet(HTML) 1 Page - Analog Devices

  ADDI9020 Datasheet HTML 1Page - Analog Devices ADDI9020 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
60 MHz CCD Signal Processor with
V-Driver and Precision Timing Generator
Data Sheet
ADDI9020
Rev. SpD
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1.8 V analog/digital core
Integrated 12-channel vertical driver (V-driver)
12-bit, 60 MHz analog-to-digital converter (ADC)
Complete on-chip timing generator
Precision Timing core with ~260 ps resolution
Correlated double sampler (CDS) with variable gain
0 dB to 36 dB, 10-bit variable gain amplifier (VGA)
Black level clamp with variable level control
On-chip 3 V horizontal and reset gate (RG) drivers
2-phase and 4-phase H-clock modes
Electronic and mechanical shutter support
On-chip 1.8 V LDO
On-chip driver for external crystal
On-chip sync generator with external sync input
APPLICATIONS
High speed digital cameras
GENERAL DESCRIPTION
The ADDI9020 is a complete 60 MHz front-end solution for digital
still cameras and other charge-coupled device (CCD) imaging
applications. The ADDI9020 includes the analog front end (AFE),
a fully programmable timing generator (TG), and a 12-channel
V-driver. A Precision Timing® core allows adjustment of high
speed clocks with approximately 260 ps resolution at 60 MHz
operation.
The on-chip V-driver supports up to 12 channels for use with
multifield CCDs.
The analog front end includes black level clamping, CDS, VGA,
and a 12-bit ADC. The timing generator and V-driver provide
all the necessary CCD clocks: RG, H-clocks, vertical clocks, sensor
gate pulses, a substrate clock, and substrate bias control. The
internal registers are programmed using a 3-wire serial interface.
Packaged in a 7 mm × 7 mm CSP_BGA, the ADDI9020 is specified
over an operating temperature range of −25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
For more information about the ADDI9020, contact Analog Devices, Inc. via email at: afe.ccd@analog.com
ADDI9020
CDS
VGA
CLAMP
12-BIT
ADC
SCK, SL, SDATA
CLI
VREF
0dB TO 36dB
HORIZONTAL
DRIVERS
ISATG
RG
H1 TO H4
REFT REFB
Precision
Timing
GENERATOR
INTERNAL CLOCKS
HD VD
INTERNAL
REGISTERS
CCDIN
0dB TO 18dB
12
HL
CLO
GPO1 TO GPO6
XSUBCK,
XSUBCNT
4
6
LDOIN (3V)
LDOOUT (1.8V)
LDO
REG
VERTICAL
DRIVER
SUBCK
V1 TO V8 (3-LEVEL)
V9 TO V12 (2-LEVEL)
D0 TO D11
SYNC
DCLK
3
20
12
2


Similar Part No. - ADDI9020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDI9020 AD-ADDI9020 Datasheet
118Kb / 2P
60 MHz CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpA
More results

Similar Description - ADDI9020

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1501M SONY-CXL1501M Datasheet
181Kb / 12P
CMOS-CCD Signal Processor
CXL1502M SONY-CXL1502M Datasheet
197Kb / 14P
CMOS-CCD Signal Processor
CXL1503M SONY-CXL1503M Datasheet
179Kb / 9P
CMOS-CCD Signal Processor
CXL1517M SONY-CXL1517M Datasheet
97Kb / 7P
CMOS-CCD Signal Processor
logo
Texas Instruments
VSP2254 TI-VSP2254 Datasheet
124Kb / 14P
36-MHz SAMPLE TWO CHANNEL CCD SIGNAL PROCESSOR
logo
Analog Devices
AD9945 AD-AD9945 Datasheet
222Kb / 16P
Complete 12-Bit 40 MHz CCD Signal Processor
11/03-Data Sheet changed from REV. 0 to REV. A
ADDI9020 AD-ADDI9020 Datasheet
118Kb / 2P
60 MHz CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpA
ADDI7100 AD-ADDI7100 Datasheet
364Kb / 20P
Complete, 12-Bit, 45 MHz CCD Signal Processor
REV. C
ADDI7100 AD-ADDI7100_17 Datasheet
436Kb / 20P
CCD Signal Processor
12/2017-Rev. D to Rev. E
AD9945 AD-AD9945_13 Datasheet
639Kb / 14P
CCD Signal Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com