Electronic Components Datasheet Search
  English  ▼

X  

NB6L16 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB6L16
Description  Multilevel Input to Differential Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L16 Datasheet(HTML) 4 Page - ON Semiconductor

  NB6L16 Datasheet HTML 1Page - ON Semiconductor NB6L16 Datasheet HTML 2Page - ON Semiconductor NB6L16 Datasheet HTML 3Page - ON Semiconductor NB6L16 Datasheet HTML 4Page - ON Semiconductor NB6L16 Datasheet HTML 5Page - ON Semiconductor NB6L16 Datasheet HTML 6Page - ON Semiconductor NB6L16 Datasheet HTML 7Page - ON Semiconductor NB6L16 Datasheet HTML 8Page - ON Semiconductor NB6L16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NB6L16
www.onsemi.com
4
Table 4. DC CHARACTERISTICS, PECL (VCC = 2.5 V, VEE = 0 V (Note 3))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current (Note 4)
10
12
18
10
12
18
10
12
18
mA
VOH
Output HIGH Voltage (Note 5)
1350
1450
1550
1400
1500
1600
1450
1550
1650
mV
VOL
Output LOW Voltage (Note 5)
565
725
870
630
765
920
690
825
970
mV
DIFFERENTIAL INPUT DRIVEN Single-Ended ((Figures 10, 12) (Note 7))
Vth
Input Threshold Reference Voltage
Range (Notes 1, 6)
1125
VCC
−75
1125
VCC
−75
1125
VCC
−75
mV
VIH
Single-Ended Input HIGH Voltage
Vth
+75
VCC
Vth
+75
VCC
Vth
+75
VCC
mV
VIL
Single-Ended Input LOW Voltage
VEE
Vth
−75
VEE
Vth
−75
VEE
Vth
−75
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY ((Figures 11, 13) (Note 8))
VIHD
Differential Input HIGH Voltage
1200
VCC
1200
VCC
1200
VCC
mV
VILD
Differential Input LOW Voltage
VEE
VCC
−75
VEE
VCC
−75
VEE
VCC
−75
mV
VCMR
Input Common Mode Range
(Differential Cross-Point Voltage)
(Note 2)
950
VCC
−38
950
VCC
−38
950
VCC
−38
mV
VID
Differential Input Voltage (VIHD − VILD)
75
2500
75
2500
75
2500
mV
IIH
Input HIGH Current
D
D
50
10
150
150
50
10
150
150
50
10
150
150
mA
IIL
Input LOW Current
D
D
−150
−150
−5
−30
−150
−150
−5
−30
−150
−150
−5
−30
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Vth is applied to the complementary input when operating in Single-Ended mode.
2. VCMR minimum varies 1:1 with VEE, VCMR maximum varies 1:1 with VCC.
3. Input and output parameters vary 1:1 with VCC. VEE can vary +0.125 V to −1.3 V.
4. All input and output pins left open.
5. All loading with 50 W to VCC − 2.0 V.
6. Do not use VBB as a reference voltage for Single-Ended PECL signals when operating device at VCC − VEE < 3.0 V.
7. Vth, VIH, and VIL parameters must be complied with simultaneously.
8. VIHD, VILD, VID and VCMR parameters must be complied with simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com