Electronic Components Datasheet Search
  English  ▼

X  

1401294 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1401294
Description  Sensor/actuator cable, 3-position, PUR, black, free cable end, on Valve connector B (10 mm), with 1 LED,connected with Damping diode, cable length: 1.5 m, With holding current limiting device for energy reduction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1401294 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1401294 Datasheet HTML 1Page - PHOENIX CONTACT 1401294 Datasheet HTML 2Page - PHOENIX CONTACT 1401294 Datasheet HTML 3Page - PHOENIX CONTACT 1401294 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1401294
09/06/2018   Page 3 / 4
Sensor/actuator cable - SAC-3P- 1,5-PUR/B-1L-R-ES - 1401294
Technical data
Cable
-20 °C ... 80 °C (cable, flexible installation)
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Schematic diagram
Valve connector pin assignment, type B
Cable cross section
PUR halogen-free black [PUR]
Dimensional drawing
28,5
34,5
5,5
Valve connector, type B
Dimensional drawing
Valve connector, type B, side view
Circuit diagram
1
2
PE
BK 1
BK 2
GNYE (PE)
Contact assignment of the valve plug
Approvals
Approvals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com