Electronic Components Datasheet Search
  English  ▼

X  

MP02897 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02897
Description  SAW Filter 400MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02897 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02897 Datasheet HTML 1Page - Golledge Electronics Ltd MP02897 Datasheet HTML 2Page - Golledge Electronics Ltd MP02897 Datasheet HTML 3Page - Golledge Electronics Ltd MP02897 Datasheet HTML 4Page - Golledge Electronics Ltd MP02897 Datasheet HTML 5Page - Golledge Electronics Ltd MP02897 Datasheet HTML 6Page - Golledge Electronics Ltd MP02897 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 400MHz
Model: TB0564A
Part No: MP02897
Rev No: 1
TB0564A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -20°C to +75°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center frequency Fc
MHz
-
400
-
-
Max. Insertion loss (Fc ± 75kHz) IL
(excluding loss in matching elements)
dB
-
4.3
6.0
-
Max. Insertion loss (Fc ± 75kHz) IL
(including loss in matching elements)
dB
-
5.2
7.5
-
Passband Ripple (Fc ± 75kHz)
dB
-
0.4
2
-
Group Delay Ripple (Fc ± 75kHz)
µ
sec
-
0.6
2
-
Relative Attenuation (relative to IL)
Fc -100 to Fc -1.5MHz
dB
35
60
-
-
Fc -1.5 to Fc -0.8MHz
dB
20
46
-
-
Fc -0.8 to Fc -0.6MHz
dB
10
39
-
-
Fc -0.6 to Fc -0.4MHz
dB
7
27
-
-
Fc +0.4 to Fc +0.6MHz
dB
7
27
-
-
Fc +0.6 to Fc +0.8MHz
dB
10
39
-
-
Fc +0.8 to Fc +1.5MHz
dB
20
46
-
-
Fc +1.5 to Fc +100MHz
dB
35
57
-
-
Temperature coefficient of frequency TCf
-0.036ppm/K^2


Similar Part No. - MP02897

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02892 GOLLEDGE-MP02892 Datasheet
393Kb / 6P
SAW Filter 1090MHz
MP02893 GOLLEDGE-MP02893 Datasheet
113Kb / 6P
SAW Filter 1687.5MHz
More results

Similar Description - MP02897

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
LSFB44-426-800K0 KSS-LSFB44-426-800K0 Datasheet
166Kb / 1P
400MHz Band SAW Filter of Low power consumption
logo
SIPAT Co,Ltd
SP40001 SIPAT-SP40001 Datasheet
158Kb / 4P
400MHz Low-loss SAW Filter 45MHz Bandwidth
LBS40002 SIPAT-LBS40002 Datasheet
192Kb / 4P
400MHz SAW Filter 0.25MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0564A TAI-SAW-TB0564A Datasheet
380Kb / 8P
SAW Filter 400MHz
logo
SIPAT Co,Ltd
LBS40002 SIPAT-LBS40002 Datasheet
192Kb / 4P
400MHz SAW Filter 0.25MHz Bandwidth
SP40001 SIPAT-SP40001 Datasheet
164Kb / 4P
400MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Golledge Electronics Lt...
MA08120 GOLLEDGE-MA08120 Datasheet
141Kb / 4P
400MHz SAW Filter
MA09471 GOLLEDGE-MA09471 Datasheet
133Kb / 6P
400MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0591A TAI-SAW-TA0591A Datasheet
234Kb / 6P
SAW Filter 400MHz
logo
Golledge Electronics Lt...
MP02987 GOLLEDGE-MP02987 Datasheet
101Kb / 5P
SAW Filter 400MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com