Electronic Components Datasheet Search
  English  ▼

X  

WM8951L Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8951L
Description  STEREO ADC WITH MICROPHONE INPUT AND CLOCK GENERATOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951L Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8951L Datasheet HTML 1Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
w
WM8951L
Stereo ADC with Microphone Input and Clock Generator
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, May 2005, Rev 4.0
Copyright
2005 Wolfson Microelectronics plc
DESCRIPTION
The WM8951L is a low power stereo ADC with an
integrated microphone interface and crystal oscillator for
clock generation. The WM8951L is ideal for voice recorders,
wireless microphones and games console accessories.
Stereo line and mono microphone level audio inputs are
provided, along with a mute function, programmable line
level volume control and a bias voltage output suitable for
an electret type microphone.
Stereo 24-bit multi-bit sigma delta ADCs are used with
oversampling decimation filters. Digital audio input word
lengths from 16-32 bits and sampling rates from 8kHz to
96kHz are supported.
The device is controlled via a 2 or 3 wire serial interface.
The interface provides access to all features including
volume controls, mutes and extensive power management
facilities. The device is available in a small 28 lead 5x5mm
quad flat leadless package (QFN).
FEATURES
•
Audio Performance
-
ADC SNR 90dB (‘A’ weighted) at 3.3V, 85dB at 1.8V
-
Low Power
-
1.42 – 3.6V Digital Supply Operation
-
1.8 – 3.6V Analogue Supply Operation
•
Sampling Frequency: 8kHz – 96kHz
•
Selectable ADC High Pass Filter
•
2 or 3-Wire MPU Serial Control Interface
•
Programmable Audio Data Interface Modes
-
I
2S, Left, Right Justified or DSP
-
16/20/24/32 bit Word Lengths
-
Master or Slave Clocking Mode
•
Microphone Input and Electret Bias with Side Tone Mixer
•
Available in 5x5mm 28-pin QFN package
APPLICATIONS
•
Wireless microphones
•
Voice recorders
•
Games console accessories
BLOCK DIAGRAM


Similar Part No. - WM8951L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8951L WOLFSON-WM8951L Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
WM8951LGEFL WOLFSON-WM8951LGEFL Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
WM8951LGEFL/R WOLFSON-WM8951LGEFL/R Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
WM8951L WOLFSON-WM8951L_07 Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
More results

Similar Description - WM8951L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8737 WOLFSON-WM8737 Datasheet
535Kb / 38P
STEREO ADC WITH MICROPHONE PREAMPLIFIER
WM8950 WOLFSON-WM8950 Datasheet
669Kb / 52P
ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Wolfson Microelectronic...
WM8951L WOLFSON-WM8951L_07 Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Wolfson Microelectronic...
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
logo
Cirrus Logic
WM8737 CIRRUS-WM8737 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
WM8950 CIRRUS-WM8950 Datasheet
1Mb / 60P
ADC with Microphone Input and Programmable Digital Filters
logo
Nuvoton Technology Corp...
NAU8501 NUVOTON-NAU8501 Datasheet
2Mb / 80P
24-bit Stereo Audio ADC with Differential Microphone Inputs
NAU8502 NUVOTON-NAU8502 Datasheet
2Mb / 92P
24-bit Stereo Audio ADC with Differential Microphone Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com