Electronic Components Datasheet Search
  English  ▼

X  

C0603C225M8RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C225M8RACTU
Description  SMD Comm X7R, Ceramic, 2.2 uF, 20%, 10 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C225M8RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C225M8RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: C0603C225M8RACTU
(C0603C225M8RAC7867)
SMD Comm X7R, Ceramic, 2.2 uF, 20%, 10 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.10mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: SMD Comm X7R
Style: SMD Chip
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
48 hours
Chip Size: 0603
Specifications
Capacitance: 2.2 uF
Capacitance Tolerance: 20%
Voltage DC: 10 VDC
Dielectric Withstanding
Voltage: 25 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 10.00% 1kHz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 227 MOhms
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/05/2018 - 9011f702-6503-4997-b958-f49a86759b4b


Similar Part No. - C0603C225M8RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C225M8RACAUTO KEMET-C0603C225M8RACAUTO Datasheet
1Mb / 23P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C0603C225M8RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C393K1RACTU KEMET-C0603C393K1RACTU Datasheet
60Kb / 1P
SMD Comm X7R, Ceramic, 0.039 uF, 10%, 100 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
C0805C225M8RACTU KEMET-C0805C225M8RACTU Datasheet
59Kb / 1P
SMD Comm X7R, Ceramic, 2.2 uF, 20%, 10 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0603C104M4RAC7411 KEMET-C0603C104M4RAC7411 Datasheet
60Kb / 1P
SMD Comm X7R, Ceramic, 0.1 uF, 20%, 16 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
C0805C225M4RACTU KEMET-C0805C225M4RACTU Datasheet
60Kb / 1P
SMD Comm X7R, Ceramic, 2.2 uF, 20%, 16 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C1210C225K4RACTU KEMET-C1210C225K4RACTU Datasheet
59Kb / 1P
SMD Comm X7R, Ceramic, 2.2 uF, 10%, 16 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 1210
C2225C225K5RACTU KEMET-C2225C225K5RACTU Datasheet
58Kb / 1P
SMD Comm X7R, Ceramic, 2.2 uF, 10%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 2225
C0603C223M5RACTU KEMET-C0603C223M5RACTU Datasheet
57Kb / 1P
SMD Comm X7R, Ceramic, 0.022 uF, 20%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
C0603C473M5RACTU KEMET-C0603C473M5RACTU Datasheet
57Kb / 1P
SMD Comm X7R, Ceramic, 0.047 uF, 20%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
C0603C104K3RAC7081 KEMET-C0603C104K3RAC7081 Datasheet
57Kb / 1P
SMD Comm X7R, Ceramic, 0.1 uF, 10%, 25 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
C0603C103K5RACTM KEMET-C0603C103K5RACTM Datasheet
530Kb / 4P
SMD Comm X7R, Ceramic, 0.01 uF, 10%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com