Electronic Components Datasheet Search
  English  ▼

X  

LMXND Datasheet(PDF) 4 Page - AVX Corporation

Part # LMXND
Description  Open Magnetic Circuit Construction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXND Datasheet(HTML) 4 Page - AVX Corporation

  LMXND Datasheet HTML 1Page - AVX Corporation LMXND Datasheet HTML 2Page - AVX Corporation LMXND Datasheet HTML 3Page - AVX Corporation LMXND Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
11
1009
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
100
10
M
100KHz, 1.0V
0.053
2.38
120
12
M
100KHz, 1.0V
0.061
2.13
150
15
M
100KHz, 1.0V
0.070
1.87
180
18
M
100KHz, 1.0V
0.081
1.73
220
22
M
100KHz, 1.0V
0.088
1.60
330
33
M
100KHz, 1.0V
0.120
1.26
470
47
M
100KHz, 1.0V
0.170
1.10
560
56
M
100KHz, 1.0V
0.199
1.01
680
68
M
100KHz, 1.0V
0.223
0.91
820
82
M
100KHz, 1.0V
0.252
0.85
101
100
M
100KHz, 1.0V
0.344
0.74
121
120
M
100KHz, 1.0V
0.396
0.69
181
180
M
100KHz, 1.0V
0.621
0.56
221
220
M
100KHz, 1.0V
0.721
0.53
331
330
M
100KHz, 1.0V
1.100
0.42
471
470
M
100KHz, 1.0V
1.526
0.35
561
560
M
100KHz, 1.0V
1.904
0.32
10F9
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
100
10
M
100KHz, 1.0V
0.060
2.60
120
12
M
100KHz, 1.0V
0.070
2.45
150
15
M
100KHz, 1.0V
0.080
2.27
220
22
M
100KHz, 1.0V
0.100
1.95
330
33
M
100KHz, 1.0V
0.120
1.50
390
39
M
100KHz, 1.0V
0.140
1.37
470
47
M
100KHz, 1.0V
0.170
1.28
560
56
M
100KHz, 1.0V
0.190
1.17
680
68
M
100KHz, 1.0V
0.220
1.11
820
82
M
100KHz, 1.0V
0.250
1.00
101
100
M
100KHz, 1.0V
0.350
0.97
121
120
M
100KHz, 1.0V
0.400
0.89
151
150
M
100KHz, 1.0V
0.470
0.78
221
220
M
100KHz, 1.0V
0.730
0.66
271
270
M
100KHz, 1.0V
0.970
0.57
331
330
M
100KHz, 1.0V
1.150
0.52
471
470
M
100KHz, 1.0V
1.480
0.42
561
560
M
100KHz, 1.0V
1.900
0.33
821
820
M
100KHz, 1.0V
2.550
0.24
LMax SMD Power Inductor
LMXN Series – Non-Shielded Style D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com